Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 71 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 71 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 67Page - Cirrus Logic CS47L85 Datasheet HTML 68Page - Cirrus Logic CS47L85 Datasheet HTML 69Page - Cirrus Logic CS47L85 Datasheet HTML 70Page - Cirrus Logic CS47L85 Datasheet HTML 71Page - Cirrus Logic CS47L85 Datasheet HTML 72Page - Cirrus Logic CS47L85 Datasheet HTML 73Page - Cirrus Logic CS47L85 Datasheet HTML 74Page - Cirrus Logic CS47L85 Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 370 page
background image
CS47L85
Rev 4.3
71
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1600
(0640h)
to
R3192
(0C78h)
15
*_STSn
Valid for every
digital core
function input
(digital mixers,
DSP Aux inputs,
ASRC & ISRC
inputs).
0
[Digital Core function] input n status
0 = Disabled
1 = Enabled
7:1
*_VOLn
Valid for every
digital mixer input.
40h
[Digital Core mixer] input n volume
-32dB to +16dB in 1dB steps
00h to 20h = -32dB
21h = -31dB
22h = -30dB
... (1dB steps)
40h = 0dB
... (1dB steps)
50h = +16dB
51h to 7Fh = +16dB
7:0
*_SRCn
Valid for every
digital core
function input
(digital mixers,
DSP Aux inputs,
ASRC & ISRC
inputs).
00h
[Digital Core function] input n source
select
00h = Silence (mute)
04h = Tone generator 1
05h = Tone generator 2
06h = Haptic generator
08h = AEC loopback 1
09h = AEC loopback 2
0Dh = Noise generator
10h = IN1L signal path
11h = IN1R signal path
12h = IN2L signal path
13h = IN2R signal path
14h = IN3L signal path
15h = IN3R signal path
16h = IN4L signal path
17h = IN4R signal path
18h = IN5L signal path
19h = IN5R signal path
1Ah = IN6L signal path
1Bh = IN6R signal path
20h = AIF1 RX1
21h = AIF1 RX2
22h = AIF1 RX3
23h = AIF1 RX4
24h = AIF1 RX5
25h = AIF1 RX6
26h = AIF1 RX7
27h = AIF1 RX8
28h = AIF2 RX1
29h = AIF2 RX2
2Ah = AIF2 RX3
2Bh = AIF2 RX4
2Ch = AIF2 RX5
2Dh = AIF2 RX6
2Eh = AIF2 RX7
2Fh = AIF2 RX8
30h = AIF3 RX1
31h = AIF3 RX2
34h = AIF4 RX1
35h = AIF4 RX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com