Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L24 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 2 Page - Cirrus Logic

  CS47L24 Datasheet HTML 1Page - Cirrus Logic CS47L24 Datasheet HTML 2Page - Cirrus Logic CS47L24 Datasheet HTML 3Page - Cirrus Logic CS47L24 Datasheet HTML 4Page - Cirrus Logic CS47L24 Datasheet HTML 5Page - Cirrus Logic CS47L24 Datasheet HTML 6Page - Cirrus Logic CS47L24 Datasheet HTML 7Page - Cirrus Logic CS47L24 Datasheet HTML 8Page - Cirrus Logic CS47L24 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 256 page
background image
CS47L24
2
Rev 4.1
Description
The CS47L24 is a highly integrated, low-power audio hub for wearable technology and other portable audio devices. It
combines an advanced DSP feature set with a flexible, high-performance audio hub codec.
The CS47L24 digital core combines a dual-core, 300MMAC DSP system, with a variety of power-efficient fixed-function
audio-processing blocks. These are supported by a fully flexible, all-digital mixing and routing engine with sample rate
converters for wide use-case flexibility. The programmable DSP cores support a range of advanced audio processing
features, including multimic noise suppression, acoustic-echo cancellation (AEC), and voice recognition functions. The
Enhanced DRE (eDRE) software is included with the CS47L24; additional software packages can be chosen according
to the requirements of the target application.
Three digital audio interfaces are provided, each supporting a wide range of standard audio sample rates and serial
interface formats. Automatic sample-rate detection enables seamless wideband/narrowband voice-call handover.
The headphone/line output driver provides stereo ground-referenced or mono BTL output. 121dB SNR, and noise levels
as low as 0.8
μVRMS, offer hi-fi quality line or headphone output. A mono Class D output driver is incorporated;
supporting up to 2-W audio output. A signal generator for controlling haptics devices is included; vibe actuators can
connect directly to the Class D speaker output or via an external driver connected to a GPIO output. All inputs, outputs,
and system interfaces can function concurrently.
The CS47L24 supports up to four digital microphone inputs. Microphone activity detection with interrupt is available.
The CS47L24 power, clocking and output driver architectures are all designed to maximize battery life in voice, music,
and standby modes. The CS47L24 is powered from 1.8- and 1.2-V external supplies. Separate MICVDD input can be
supported, for microphone operation above 1.8 V. An additional supply is required for the Class D speaker drivers
(typically direct connection to 4.2-V battery).
Two integrated FLLs provide support for a wide range of system clock frequencies. The CS47L24 is configured using an
SPI
™ control interface. The fully CS47L24 differential internal analog architecture, minimal analog signal paths, and on-
chip RF noise filters ensure a very high degree of noise immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com