Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L24 Datasheet(PDF) 76 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 76 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 72Page - Cirrus Logic CS47L24 Datasheet HTML 73Page - Cirrus Logic CS47L24 Datasheet HTML 74Page - Cirrus Logic CS47L24 Datasheet HTML 75Page - Cirrus Logic CS47L24 Datasheet HTML 76Page - Cirrus Logic CS47L24 Datasheet HTML 77Page - Cirrus Logic CS47L24 Datasheet HTML 78Page - Cirrus Logic CS47L24 Datasheet HTML 79Page - Cirrus Logic CS47L24 Datasheet HTML 80Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 256 page
background image
CS47L24
76
Rev 4.1
For an LRA actuator (HAP_ACT = 1), the haptic output is an AC signal; selecting a negative signal level corresponds to a
180 degree phase inversion. In some applications, phase inversion may be desirable during the final phase, to halt the
physical motion of the haptic device.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R144
(0090h)
Haptics
Control 1
4
ONESHOT_TRIG
0
Haptic One-Shot Trigger
Writing ‘1’ starts the one-shot profile (i.e.,
Phase 1, Phase 2, Phase 3)
3:2
HAP_CTRL [1:0]
00
Haptic Signal Generator Control
00 = Disabled
01 = Continuous
10 = One-Shot
11 = Reserved
1
HAP_ACT
0
Haptic Actuator Select
0 = Eccentric Rotating Mass (ERM)
1 = Linear Resonant Actuator (LRA)
R145
(0091h)
Haptics
Control 2
14:0
LRA_FREQ
[14:0]
7FFFh
Haptic Resonant Frequency
Selects the haptic signal frequency (LRA
actuator only, HAP_ACT = 1)
Haptic Frequency (Hz) =
System Clock / (2 x (LRA_FREQ+1))
where System Clock = 6.144MHz or
5.6448MHz, derived by division from
SYSCLK or ASYNCCLK.
If HAP_RATE<1000, then SYSCLK is the
clock source, and the applicable System
Clock frequency is determined by
SYSCLK.
If HAP_RATE>=1000, then ASYNCCLK is
the clock source, and the applicable
System Clock frequency is determined by
ASYNCCLK.
Valid for Haptic Frequency in the range
100Hz to 250Hz
For 6.144MHz System Clock:
77FFh = 100Hz
4491h = 175Hz
2FFFh = 250Hz
For 5.6448MHz System Clock:
6E3Fh = 100Hz
3EFFh = 175Hz
2C18h = 250Hz
R146
(0092h)
Haptics
phase 1
intensity
7:0
PHASE1_INTEN
SITY [7:0]
00h
Haptic Output Level (Phase 1)
Selects the signal intensity of Phase 1 in
one-shot mode.
Coded as 2’s complement.
Range is +/- Full Scale (FS).
For ERM actuator, this selects the DC
signal level for the haptic output.
For LRA actuator, this selects the AC peak
amplitude; Negative values correspond to
a 180 degree phase shift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com