Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L24 Datasheet(PDF) 74 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 70Page - Cirrus Logic CS47L24 Datasheet HTML 71Page - Cirrus Logic CS47L24 Datasheet HTML 72Page - Cirrus Logic CS47L24 Datasheet HTML 73Page - Cirrus Logic CS47L24 Datasheet HTML 74Page - Cirrus Logic CS47L24 Datasheet HTML 75Page - Cirrus Logic CS47L24 Datasheet HTML 76Page - Cirrus Logic CS47L24 Datasheet HTML 77Page - Cirrus Logic CS47L24 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 256 page
background image
CS47L24
74
Rev 4.1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R33
(0021h)
Tone
Generator
2
15:0
TONE1_LVL
[23:8]
1000h
Tone Generator 1 DC output level
TONE1_LVL [23:8] is coded as 2’s
complement. Bits [23:20] contain the
integer portion; bits [19:0] contain the
fractional portion.
The digital core 0dBFS level corresponds
to 1000_00h (+1) or F000_00h (-1).
R34
(0022h)
Tone
Generator
3
7:0
TONE1_LVL [7:0]
00h
Tone Generator 1 DC output level
TONE1_LVL [23:8] is coded as 2’s
complement. Bits [23:20] contain the
integer portion; bits [19:0] contain the
fractional portion.
The digital core 0dBFS level corresponds
to 1000_00h (+1) or F000_00h (-1).
R35
(0023h)
Tone
Generator
4
15:0
TONE2_LVL
[23:8]
1000h
Tone Generator 2 DC output level
TONE2_LVL [23:8] is coded as 2’s
complement. Bits [23:20] contain the
integer portion; bits [19:0] contain the
fractional portion.
The digital core 0dBFS level corresponds
to 1000_00h (+1) or F000_00h (-1).
R36
(0024h)
Tone
Generator
5
7:0
TONE2_LVL [7:0]
00h
Tone Generator 2 DC output level
TONE2_LVL
[23:8] is coded as 2’s
complement. Bits [23:20] contain the
integer portion; bits [19:0] contain the
fractional portion.
The digital core 0dBFS level corresponds
to 1000_00h (+1) or F000_00h (-1).
Table 17 Tone Generator Control
NOISE GENERATOR
The CS47L24 incorporates a white noise generator, which can be routed within the digital core. The main purpose of the
noise generator is to provide ‘comfort noise’ in cases where silence (digital mute) is not desirable.
Noise Generator (0Dh)
White Noise
Generator
NOISE_GEN_ENA
NOISE_GEN_GAIN
NOISE_GEN_RATE
Figure 23 Digital Core Noise Generator
The noise generator can be selected as input to any of the digital mixers or signal processing functions within the
CS47L24 digital core. The bracketed number (0Dh) in Figure 23 indicates the corresponding *_SRCn register setting for
selection of the noise generator as an input to another digital core function.
The sample rate for the noise generator is configured using the NOISE_GEN_RATE register - see Table 21. Note that
sample rate conversion is required when routing the noise generator output to any signal chain that is asynchronous
and/or configured for a different sample rate.
The noise generator is enabled using the NOISE_GEN_ENA register bit as described in Table 18. The signal level is
configured using NOISE_GEN_GAIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com