Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L24 Datasheet(PDF) 82 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 82 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 78Page - Cirrus Logic CS47L24 Datasheet HTML 79Page - Cirrus Logic CS47L24 Datasheet HTML 80Page - Cirrus Logic CS47L24 Datasheet HTML 81Page - Cirrus Logic CS47L24 Datasheet HTML 82Page - Cirrus Logic CS47L24 Datasheet HTML 83Page - Cirrus Logic CS47L24 Datasheet HTML 84Page - Cirrus Logic CS47L24 Datasheet HTML 85Page - Cirrus Logic CS47L24 Datasheet HTML 86Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 256 page
background image
CS47L24
82
Rev 4.1
+
AIF1 TX8 output
+
AIF1 TX7 output
+
AIF1 TX6 output
+
AIF1 TX5 output
+
AIF1 TX4 output
+
AIF1 TX3 output
+
AIF1 TX2 output
+
AIF1 TX1 output
AIF1 RX3 (22h)
AIF1 RX4 (23h)
AIF1 RX5 (24h)
AIF1 RX6 (25h)
AIF1 RX7 (26h)
AIF1 RX8 (27h)
AIF1 RX1 (20h)
AIF1 RX2 (21h)
AIF1_RATE
AIF3_RATE
AIF2_RATE
OUT_RATE
+
AIF3 TX2 output
+
AIF3 TX1 output
AIF3 RX1 (30h)
AIF3 RX2 (31h)
+
AIF2 TX6 output
+
AIF2 TX5 output
+
AIF2 TX4 output
+
AIF2 TX3 output
+
AIF2 TX2 output
+
AIF2 TX1 output
AIF2 RX3 (2Ch)
AIF2 RX4 (2Dh)
AIF2 RX5 (2Eh)
AIF2 RX6 (2Fh)
AIF2 RX1 (2Ah)
AIF2 RX2 (2Bh)
+
OUT4L output
+
OUT1R output
+
OUT1L output
Figure 27 Digital Core Sample Rate Control (External Digital Interfaces)
The input signal paths may be selected as input to the digital mixers or signal processing functions. The sample rate for
the input signal paths is configured using the IN_RATE register.
The output signal paths are derived from the respective output mixers. The sample rate for the output signal paths is
configured using the OUT_RATE register. The sample rate of the AEC Loopback path is also set by the OUT_RATE
register.
The AIFn RX inputs may be selected as input to the digital mixers or signal processing functions. The AIFn TX outputs
are derived from the respective output mixers. The sample rates for digital audio interfaces (AIF1, AIF2 and AIF3) are
configured using the AIF1_RATE, AIF2_RATE and AIF3_RATE registers respectively.
The EQ, LHPF and DRC functions can be enabled in any signal path within the digital core. The sample rate for these
functions is configured using the FX_RATE register. Note that the EQ, DRC and LHPF functions must all be configured



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com