Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L24 Datasheet(PDF) 90 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 90 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 86Page - Cirrus Logic CS47L24 Datasheet HTML 87Page - Cirrus Logic CS47L24 Datasheet HTML 88Page - Cirrus Logic CS47L24 Datasheet HTML 89Page - Cirrus Logic CS47L24 Datasheet HTML 90Page - Cirrus Logic CS47L24 Datasheet HTML 91Page - Cirrus Logic CS47L24 Datasheet HTML 92Page - Cirrus Logic CS47L24 Datasheet HTML 93Page - Cirrus Logic CS47L24 Datasheet HTML 94Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 256 page
background image
CS47L24
90
Rev 4.1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3824
(0EF0h)
ISRC 1
CTRL 1
14:11
ISRC1_FSH [3:0]
0000
ISRC1 High Sample Rate
(Sets the higher of the ISRC1 sample
rates)
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 8kHz to 192kHz.
The ISRC1_FSH and ISRC1_FSL fields
must both select sample rates referenced
to the same clock domain (SYSCLK or
ASYNCCLK).
All ISRC1_DECn_SRC registers should
be set to 00h before changing
ISRC1_FSH.
R3825
(0EF1h)
ISRC 1
CTRL 2
14:11
ISRC1_FSL [3:0]
0000
ISRC1 Low Sample Rate
(Sets the lower of the ISRC1 sample
rates)
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 8kHz to 192kHz.
The ISRC1_FSH and ISRC1_FSL fields
must both select sample rates referenced
to the same clock domain (SYSCLK or
ASYNCCLK).
All ISRC1_INTn_SRC registers should be
set to 00h before changing ISRC1_FSL.
R3826
(0EF2h)
ISRC 1
CTRL 3
15
ISRC1_INT1_EN
A
0
ISRC1 INT1 Enable
(Interpolation Channel 1 path from
ISRC1_FSL rate to ISRC1_FSH rate)
0 = Disabled
1 = Enabled
14
ISRC1_INT2_EN
A
0
ISRC1 INT2 Enable
(Interpolation Channel 2 path from
ISRC1_FSL rate to ISRC1_FSH rate)
0 = Disabled
1 = Enabled
13
ISRC1_INT3_EN
A
0
ISRC1 INT3 Enable
(Interpolation Channel 3 path from
ISRC1_FSL rate to ISRC1_FSH rate)
0 = Disabled
1 = Enabled
12
ISRC1_INT4_EN
A
0
ISRC1 INT4 Enable
(Interpolation Channel 4 path from
ISRC1_FSL rate to ISRC1_FSH rate)
0 = Disabled
1 = Enabled
9
ISRC1_DEC1_EN
A
0
ISRC1 DEC1 Enable
(Decimation Channel 1 path from
ISRC1_FSH rate to ISRC1_FSL rate)
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com