Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L24 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 45Page - Cirrus Logic CS47L24 Datasheet HTML 46Page - Cirrus Logic CS47L24 Datasheet HTML 47Page - Cirrus Logic CS47L24 Datasheet HTML 48Page - Cirrus Logic CS47L24 Datasheet HTML 49Page - Cirrus Logic CS47L24 Datasheet HTML 50Page - Cirrus Logic CS47L24 Datasheet HTML 51Page - Cirrus Logic CS47L24 Datasheet HTML 52Page - Cirrus Logic CS47L24 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 256 page
background image
CS47L24
Rev 4.1
49
DIGITAL CORE OUTPUT MIXERS
The digital core comprises multiple output paths. The output paths associated with AIF1, AIF2 and AIF3 are illustrated in
Figure 15. The output paths associated with OUT1 and OUT4L are illustrated in Figure 16. (Note that OUT2, OUT3, and
OUT4R are not implemented on this device.)
A 4-input mixer is associated with each output. The 4 input sources are selectable in each case, and independent volume
control is provided for each path.
The AIF1, AIF2 and AIF3 output mixer control registers (see Figure 15) are located at register addresses R1792 (700h)
through to R1935 (78Fh). The OUT1 and OUT4L output mixer control registers (see Figure 16) are located at addresses
R1664 (680h) through to R1719 (6BFh).
The full list of digital mixer control registers is provided in the “Register Map” section (Register R1600 through to R3000).
Generic register definitions are provided in Table 7.
The *_SRCn registers select the input source(s) for the respective mixers. Note that the selected input source(s) must be
configured for the same sample rate as the mixer to which they are connected. Sample rate conversion functions are
available to support flexible interconnectivity -
see “Asynchronous Sample Rate Converter (ASRC)” and “Isochronous
Sample Rate Converter (ISRC)
”.
The sample rate for the output signal paths is configured using the applicable OUT_RATE, or AIFn_RATE register - see
Table 21. Note that sample rate conversion is required when routing the output signal paths to any signal chain that is
asynchronous and/or configured for a different sample rate.
The CS47L24 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the output
mixer paths. If an attempt is made to enable an output mixer path, and there are insufficient SYSCLK cycles to support it,
then the attempt will be unsuccessful. (Note that any signal paths that are already active will not be affected under these
circumstances.)
The Underclocked Error condition can be monitored using the GPIO and/or Interrupt functions. See “General Purpose
Input / Output
” and “Interrupts” for further details.
The status bits in Registers R1600 to R3000 indicate the status of each of the digital mixers. If an Underclocked Error
condition occurs, then these bits provide readback of which mixer(s) have been successfully enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com