Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L24 Datasheet(PDF) 68 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 68 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 64Page - Cirrus Logic CS47L24 Datasheet HTML 65Page - Cirrus Logic CS47L24 Datasheet HTML 66Page - Cirrus Logic CS47L24 Datasheet HTML 67Page - Cirrus Logic CS47L24 Datasheet HTML 68Page - Cirrus Logic CS47L24 Datasheet HTML 69Page - Cirrus Logic CS47L24 Datasheet HTML 70Page - Cirrus Logic CS47L24 Datasheet HTML 71Page - Cirrus Logic CS47L24 Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 256 page
background image
CS47L24
68
Rev 4.1
LOW PASS / HIGH PASS DIGITAL FILTER (LHPF)
The digital core provides four Low Pass Filter (LPF) / High Pass Filter (HPF) processing blocks as illustrated in Figure 20.
A 4-input mixer is associated with each filter. The 4 input sources are selectable in each case, and independent volume
control is provided for each path. Each Low/High Pass Filter (LHPF) block supports 1 output.
The Low Pass Filter / High Pass Filter can be used to remove unwanted ‘out of band’ noise from a signal path. Each filter
can be configured either as a Low Pass filter or High Pass filter.
CS47L24 supports 4 LHPF blocks, ie. n = 1, 2, 3 or 4
LHPFnMIX_VOL2
LHPFnMIX_VOL3
LHPFnMIX_VOL4
+
LHPFnMIX_VOL1
LHPFnMIX_SRC1
LHPFnMIX_SRC3
LHPFnMIX_SRC4
LHPFnMIX_SRC2
LHPF1 (60h)
LHPF2 (61h)
LHPF3 (62h)
LHPF4 (63h)
LHPF
Low-Pass filter (LPF) /
High-Pass filter (HPF)
Figure 20 Digital Core LPF/HPF Blocks
The LHPF1, LHPF2, LHPF3 and LHPF4 mixer control registers (see Figure 20) are located at register addresses R2304
(900h) through to R2335 (91Fh).
The full list of digital mixer control registers is provided in the “Register Map” section (Register R1600 through to R3000).
Generic register definitions are provided in Table 7.
The *_SRCn registers select the input source(s) for the respective LHPF processing blocks. Note that the selected input
source(s) must be configured for the same sample rate as the LHPF to which they are connected. Sample rate
conversion functions are available to support flexible interconnectivity -
see “Asynchronous Sample Rate Converter
(ASRC)
” and “Isochronous Sample Rate Converter (ISRC)”.
The bracketed numbers in Figure 20,
e.g.,”(60h)” indicate the corresponding *_SRCn register setting for selection of that
signal as an input to another digital core function.
The sample rate for the LHPF function is configured using the FX_RATE register - see Table 21. Note that the EQ, DRC
and LHPF functions must all be configured for the same sample rate.
The LHPF function supports audio sample rates in the range 8kHz to 192kHz. When the DRC is enabled, the maximum
sample rate for the EQ, DRC and LHPF functions is 96kHz.
Sample rate conversion is required when routing the LHPF signal paths to any signal chain that is asynchronous and/or
configured for a different sample rate.
The control registers associated with the LHPF functions are described in Table 15.
The cut-off frequencies for the LHPF blocks are set using the coefficients held in registers R3777, R3781, R3785 and
R3789 for LHPF1, LHPF2, LHPF3 and LHPF4 respectively. These coefficients are derived using tools provided in Cirrus
Logic
’s WISCE™ evaluation board control software; please contact your local Cirrus Logic representative for more
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com