Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L24 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 28Page - Cirrus Logic CS47L24 Datasheet HTML 29Page - Cirrus Logic CS47L24 Datasheet HTML 30Page - Cirrus Logic CS47L24 Datasheet HTML 31Page - Cirrus Logic CS47L24 Datasheet HTML 32Page - Cirrus Logic CS47L24 Datasheet HTML 33Page - Cirrus Logic CS47L24 Datasheet HTML 34Page - Cirrus Logic CS47L24 Datasheet HTML 35Page - Cirrus Logic CS47L24 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 256 page
background image
CS47L24
32
Rev 4.1
OTHER FEATURES
The CS47L24 incorporates two
1kHz tone generators which can be used for ‘beep’ functions through any of the audio
signal paths. The phase relationship between the two generators is configurable, providing flexibility in creating
differential signals, or for test scenarios.
A white no
ise generator is provided, which can be routed within the digital core. The noise generator can provide ‘comfort
noise’ in cases where silence (digital mute) is not desirable.
Two Pulse Width Modulation (PWM) signal generators are incorporated. The duty cycle of each PWM signal can be
modulated by an audio source, or can be set to a fixed value using a control register setting. The PWM signal generators
can be output directly on a GPIO pin.
The CS47L24 provides 2 GPIO pins, supporting selectable input/output functions for interfacing, detection of external
hardware, and to provide logic outputs to other devices. Comprehensive Interrupt (IRQ) functionality is also provided for
monitoring internal and external event conditions.
A signal generator for controlling haptics devices is included, compatible with both Eccentric Rotating Mass (ERM) and
Linear Resonant Actuator (LRA) haptic devices. The haptics signal generator is highly configurable, and can execute
programmable drive event profiles, including reverse drive control. An external vibe actuator can be driven directly by the
Class D speaker output.
The CS47L24 is powered from 1.8V and 1.2V external supplies. A separate supply (4.2V) is typically required for the
Class D speaker driver. An integrated Charge Pump circuit generates positive and negative supply rails for the
headphone drivers. Two MICBIAS regulators support powering and switching of external digital microphones.
System clocking can be derived from the MCLK1 or MCLK2 input pins. Alternatively, the audio interfaces (configured in
Slave mode), can be used to provide a clock reference. Two integrated Frequency Locked Loop (FLL) circuits provide
support for a wide range of clocking configurations, including the use of a 32kHz input clock reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com