Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L24 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 17Page - Cirrus Logic CS47L24 Datasheet HTML 18Page - Cirrus Logic CS47L24 Datasheet HTML 19Page - Cirrus Logic CS47L24 Datasheet HTML 20Page - Cirrus Logic CS47L24 Datasheet HTML 21Page - Cirrus Logic CS47L24 Datasheet HTML 22Page - Cirrus Logic CS47L24 Datasheet HTML 23Page - Cirrus Logic CS47L24 Datasheet HTML 24Page - Cirrus Logic CS47L24 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 256 page
background image
CS47L24
Rev 4.1
21
TYPICAL SIGNAL LATENCY
OPERATING MODE
TEST CONDITIONS
LATENCY
INPUT
OUTPUT
DIGITAL CORE
AIF to DAC Stereo Path
Digital input (AIFn) to analogue
output (HPOUT).
Signal is routed via the digital
core ASRC function in the
asynchronous test cases only.
fs = 48kHz
fs = 48kHz
Synchronous
358µs
fs = 44.1kHz
fs = 44.1kHz
Synchronous
391µs
fs = 16kHz
fs = 16kHz
Synchronous
720µs
fs = 8kHz
fs = 8kHz
Synchronous
1428µs
fs = 8kHz
fs = 44.1kHz
Asynchronous
1940µs
fs = 16kHz
fs = 44.1kHz
Asynchronous
1240µs
DMIC to AIF Stereo Path
Digital input (INn) to digital
output (AIFn).
Digital core High Pass filter
included in signal path.
fs = 48kHz
fs = 48kHz
Synchronous
236µs
fs = 44.1kHz
fs = 44.1kHz
Synchronous
260µs
fs = 16kHz
fs = 16kHz
Synchronous
732µs
fs = 8kHz
fs = 8kHz
Synchronous
1543µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com