Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L24 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 33Page - Cirrus Logic CS47L24 Datasheet HTML 34Page - Cirrus Logic CS47L24 Datasheet HTML 35Page - Cirrus Logic CS47L24 Datasheet HTML 36Page - Cirrus Logic CS47L24 Datasheet HTML 37Page - Cirrus Logic CS47L24 Datasheet HTML 38Page - Cirrus Logic CS47L24 Datasheet HTML 39Page - Cirrus Logic CS47L24 Datasheet HTML 40Page - Cirrus Logic CS47L24 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 256 page
background image
CS47L24
Rev 4.1
37
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
Control
14:13
IN1_OSR [1:0]
01
Input Path 1 DMIC Oversample Rate
Controls the DMICCLK1 frequency:
00 = 1.536MHz
01 = 3.072MHz
10 = 6.144MHz
11 = 768kHz
When IN1_OSR=11, the Input Path
sample rate (for all input paths) must be in
the range 8kHz to 16kHz.
12:11
IN1_DMIC_SUP
[1:0]
00
Input Path 1 DMIC Reference Select
(Sets the DMICDAT1 and DMICCLK1
logic levels)
00 = MICVDD
01 = MICBIAS1
10 = MICBIAS2
11 = Reserved
R786
(0312h)
DMIC1L
Control
5:0
IN1L_DMIC_DLY
[5:0]
00h
Input Path 1 (Left) Digital Delay
LSB = 1 sample, Range is 0 to 63.
(Sample rate is controlled by IN1_OSR.)
R788
(0314h)
IN1R
Control
15
IN1R_HPF
0
Input Path 1 (Right) HPF Enable
0 = Disabled
1 = Enabled
R790
(0316h)
DMIC1R
Control
5:0
IN1R_DMIC_DLY
[5:0]
00h
Input Path 1 (Right) Digital Delay
LSB = 1 sample, Range is 0 to 63.
(Sample rate is controlled by IN1_OSR.)
R792
(0318h)
IN2L
Control
15
IN2L_HPF
0
Input Path 2 (Left) HPF Enable
0 = Disabled
1 = Enabled
14:13
IN2_OSR [1:0]
01
Input Path 2 DMIC Oversample Rate
Controls the DMICCLK2 frequency:
00 = 1.536MHz
01 = 3.072MHz
10 = 6.144MHz
11 = 768kHz
When IN2_OSR=11, the Input Path
sample rate (for all input paths) must be in
the range 8kHz to 16kHz.
12:11
IN2_DMIC_SUP
[1:0]
00
Input Path 2 DMIC Reference Select
(Sets the DMICDAT2 and DMICCLK2
logic levels)
00 = MICVDD
01 = MICBIAS1
10 = MICBIAS2
11 = Reserved
R794
(031Ah)
DMIC2L
Control
5:0
IN2L_DMIC_DLY
[5:0]
00h
Input Path 2 (Left) Digital Delay
LSB = 1 sample, Range is 0 to 63.
(Sample rate is controlled by IN2_OSR.)
R796
(031Ch)
IN2R
Control
15
IN2R_HPF
0
Input Path 2 (Right) HPF Enable
0 = Disabled
1 = Enabled
R798
(031Eh)
DMIC2R
Control
5:0
IN2R_DMIC_DLY
[5:0]
00h
Input Path 2 (Right) Digital Delay
LSB = 1 sample, Range is 0 to 63.
(Sample rate is controlled by IN2_OSR.)
Table 3 Input Signal Path Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com