Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

03093 Datasheet (PDF) - Vicor Corporation

03093 Datasheet PDF - Vicor Corporation
Part # 03093
Download  03093 Download
File Size   39.7 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAP, RFI, AXIAL 0.022 uF, -20%, 250V, (V2)

03093 Datasheet (PDF)

Go To PDF Page Download Datasheet
03093 Datasheet PDF - Vicor Corporation

Part # 03093
Download  03093 Click to download

File Size   39.7 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAP, RFI, AXIAL 0.022 uF, -20%, 250V, (V2)

03093 Datasheet (HTML) - Vicor Corporation




Similar Part No. - 03093

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0309320000 WEIDMULLER-0309320000 Datasheet
88Kb / 3P
Fuse terminal, 10 mm짼, Screw connection, KrG, Medium yellow, TS 32
0309320000 WEIDMULLER-0309320000 Datasheet
1Mb / 52P
SAK-series
More results


Similar Description - 03093

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
02573 VICOR-02573 Datasheet
55Kb / 1P
CAP, FLM, AXIAL, 1uF, -10%/250V
06852 VICOR-06852 Datasheet
69Kb / 1P
CAPACITOR, 250V, 0.61 uF, -10%
11217 VICOR-11217 Datasheet
15Kb / 1P
CAP 0.86uF/-20/250V
24252 VICOR-24252 Datasheet
60Kb / 1P
CAP, SOLID TANTALUM, 270 uF- 20%, 10V
24253 VICOR-24253 Datasheet
60Kb / 1P
CAP, SOLID TANTALUM, 120 uF-20%, 20V
24254 VICOR-24254 Datasheet
60Kb / 1P
CAP, SOLID TANTALUM, 68 uF -20%, 30V
24255 VICOR-24255 Datasheet
60Kb / 1P
CAP, SOLID TANTALUM, 27 uF, -20%, 50V
logo
Kemet Corporation
C0805X223J5JACTU KEMET-C0805X223J5JACTU Datasheet
72Kb / 1P
Ceramic, FlexTerm-(CxxxxX), 0.022 uF, 5%, 50 V, 0805, U2J, SMD, MLCC, FT-CAP, Ultra-Stable
C0805X223K1RACTU KEMET-C0805X223K1RACTU Datasheet
72Kb / 1P
Ceramic, FlexTerm-(CxxxxX), 0.022 uF, 10%, 100 V, 0805, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C1812X223K1RACTU KEMET-C1812X223K1RACTU Datasheet
71Kb / 1P
Ceramic, FlexTerm-(CxxxxX), 0.022 uF, 10%, 100 V, 1812, X7R, SMD, MLCC, FT-CAP, Temperature Stable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com