Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11217 Datasheet (PDF) - Vicor Corporation

11217 Datasheet PDF - Vicor Corporation
Part # 11217
Download  11217 Download
File Size   15.61 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAP 0.86uF/-20/250V

11217 Datasheet (PDF)

Go To PDF Page Download Datasheet
11217 Datasheet PDF - Vicor Corporation

Part # 11217
Download  11217 Click to download

File Size   15.61 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAP 0.86uF/-20/250V

11217 Datasheet (HTML) - Vicor Corporation




Similar Part No. - 11217

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11217 ETC2-11217 Datasheet
377Kb / 1P
KEYSTONE PTFE Insulated Terminals & Pins
logo
Belden Inc.
11217 BELDEN-11217 Datasheet
538Kb / 2P
7/8" Power Field Attachable Connector: Female, straight, 4-pin, black housing, 230 V AC/DC, 9 A
More results


Similar Description - 11217

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
02573 VICOR-02573 Datasheet
55Kb / 1P
CAP, FLM, AXIAL, 1uF, -10%/250V
03047 VICOR-03047 Datasheet
47Kb / 1P
CAP,FILM, SUPPRESSION, .47uF, 20%, 250VAC
03093 VICOR-03093 Datasheet
39Kb / 1P
CAP, RFI, AXIAL 0.022 uF, -20%, 250V, (V2)
20641 VICOR-20641 Datasheet
23Kb / 1P
CAP., SOLID TANTALUM 10uF, 20%, 25V
24252 VICOR-24252 Datasheet
60Kb / 1P
CAP, SOLID TANTALUM, 270 uF- 20%, 10V
24253 VICOR-24253 Datasheet
60Kb / 1P
CAP, SOLID TANTALUM, 120 uF-20%, 20V
logo
Samsung semiconductor
CL21F105ZBFNNNE SAMSUNG-CL21F105ZBFNNNE Datasheet
82Kb / 2P
CAP, 1?? -2080%, 50V, Y5V, 0805
logo
Tripp Lite. All Rights ...
N080-C25-EC-WH TRIPPLITE-N080-C25-EC-WH Datasheet
153Kb / 2P
Raceway End Cap, 20 Pack, White, TAA
logo
Samsung semiconductor
CL32A227MQVNNNE SAMSUNG-CL32A227MQVNNNE Datasheet
1Mb / 36P
CAP, 220㎌, 6.3V, ±20%, X5R, 1210
logo
PHOENIX CONTACT
1312598 PHOENIX-1312598 Datasheet
177Kb / 3P
PRC 20/COVER-IP-M - Protective cap
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com