Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1312598 Datasheet (PDF) - PHOENIX CONTACT

1312598 Datasheet PDF - PHOENIX CONTACT
Part # 1312598
Download  1312598 Download
File Size   177.9 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PRC 20/COVER-IP-M - Protective cap

1312598 Datasheet (PDF)

Go To PDF Page Download Datasheet
1312598 Datasheet PDF - PHOENIX CONTACT

Part # 1312598
Download  1312598 Click to download

File Size   177.9 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PRC 20/COVER-IP-M - Protective cap

1312598 Datasheet (HTML) - PHOENIX CONTACT


1312598 Product details

Protective cap, Range of articles: PRC 20, color: black, rated voltage: 400 V AC. For assembly
notes, please refer to the packing slip

Your advantages
• More space on the device front with current transmission up to 20 A in a minimum amount of space
• Duo-Unlock technology for greater flexibility during installation and maintenance
• Reliable use under extreme ambient conditions with high degrees of protection and impact resistance
• Simple handling with proven crimp or screw connection technology
• Mechanical and color coding for quick and error-free startup




Similar Part No. - 1312598

ManufacturerPart #DatasheetDescription
logo
Philips Lighting N.V
13125 PHILIPSLIGHTING-13125 Datasheet
159Kb / 5P
Halogen reflector
Sunday 2nd March, 2014
logo
DESCO INDUSTRIES INC
13125 DESCO-13125 Datasheet
178Kb / 1P
STATSHIELD® BAG, SHIELDING, METAL-OUT CONSTRUCTION, 3.0 MIL (0.07mm)
2019 June
logo
Weidmuller
1312500000 WEIDMULLER-1312500000 Datasheet
1Mb / 52P
SAK-series
logo
OSA Opto Light GmbH
131254-940 OSA-131254-940 Datasheet
206Kb / 2P
High Speed MQW IR-Chip
131254-960 OSA-131254-960 Datasheet
208Kb / 2P
High Speed MQW IR-Chip
More results


Similar Description - 1312598

ManufacturerPart #DatasheetDescription
logo
Picker Components
SSR100 PICKER-SSR100 Datasheet
314Kb / 1P
Protective Cover
logo
PHOENIX CONTACT
1409236 PHOENIX-1409236 Datasheet
54Kb / 2P
Protective cap - PRC COVER F
1409237 PHOENIX-1409237 Datasheet
43Kb / 2P
Protective cap - PRC COVER M
logo
Pepperl+Fuchs Inc.
SH-BT43-F25-01 PF-SH-BT43-F25-01 Datasheet
434Kb / 1P
Protective cover
SH-F31K2-B13 PF-SH-F31K2-B13 Datasheet
400Kb / 1P
Protective cover
VOS5000-LE-COV47 PF-VOS5000-LE-COV47 Datasheet
794Kb / 1P
Protective cover
logo
PHOENIX CONTACT
1274810 PHOENIX-1274810 Datasheet
185Kb / 5P
Protective cap - PRC 5-TERM-2,5
1312600 PHOENIX-1312600 Datasheet
177Kb / 3P
PRC 20/COVER-IP-F - Protective cap
1476945 PHOENIX-1476945 Datasheet
177Kb / 3P
CBC-PRC COVER M 800V - Protective cap
1476946 PHOENIX-1476946 Datasheet
176Kb / 3P
CBC-PRC COVER F 800V - Protective cap
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com