Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1274810 Datasheet (PDF) - PHOENIX CONTACT

1274810 Datasheet PDF - PHOENIX CONTACT
Part # 1274810
Download  1274810 Download
File Size   185.58 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Protective cap - PRC 5-TERM-2,5

1274810 Datasheet (PDF)

Go To PDF Page Download Datasheet
1274810 Datasheet PDF - PHOENIX CONTACT

Part # 1274810
Download  1274810 Click to download

File Size   185.58 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Protective cap - PRC 5-TERM-2,5

1274810 Datasheet (HTML) - PHOENIX CONTACT


1274810 Product details

Cable connector, Range of articles: PRC 35, Protective cap, housing material: PPE, color: black,
number of positions: 5, min. conductor cross section: 0.75 mm2, max. conductor cross section: 4
mm2, rated voltage: 1000, min. cable diameter: 9.5 mm, max. cable diameter: 12.5 mm. End cap
to prevent moisture from entering

Your advantages
• Reliable protection of free cable ends against environmental influences
• Suitable for use outdoors, thanks to UV- and saltwater-resistant plastics
• Patented closure technology prevents the housing from being opened accidentally
• Locking mechanism can be unlocked manually or using a tool




Similar Part No. - 1274810

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1274812 PHOENIX-1274812 Datasheet
289Kb / 6P
Conductor connectors - PRC 5-SPLK-2,5
More results


Similar Description - 1274810

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1409236 PHOENIX-1409236 Datasheet
54Kb / 2P
Protective cap - PRC COVER F
1409237 PHOENIX-1409237 Datasheet
43Kb / 2P
Protective cap - PRC COVER M
logo
Hubbell Incorporated.
HIC HUBBELL-HIC Datasheet
224Kb / 1P
Accessories Protective Cap
logo
PHOENIX CONTACT
1582151 PHOENIX-1582151 Datasheet
45Kb / 2P
Protective cap - QPD PSK 2,5
3012325 PHOENIX-3012325 Datasheet
51Kb / 2P
Protective cap - FBSC
09/12/2020
1274812 PHOENIX-1274812 Datasheet
289Kb / 6P
Conductor connectors - PRC 5-SPLK-2,5
1312598 PHOENIX-1312598 Datasheet
177Kb / 3P
PRC 20/COVER-IP-M - Protective cap
1312600 PHOENIX-1312600 Datasheet
177Kb / 3P
PRC 20/COVER-IP-F - Protective cap
1476945 PHOENIX-1476945 Datasheet
177Kb / 3P
CBC-PRC COVER M 800V - Protective cap
1476946 PHOENIX-1476946 Datasheet
176Kb / 3P
CBC-PRC COVER F 800V - Protective cap
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com