Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1476945 Datasheet (PDF) - PHOENIX CONTACT

1476945 Datasheet PDF - PHOENIX CONTACT
Part # 1476945
Download  1476945 Download
File Size   177.91 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CBC-PRC COVER M 800V - Protective cap

1476945 Datasheet (PDF)

Go To PDF Page Download Datasheet
1476945 Datasheet PDF - PHOENIX CONTACT

Part # 1476945
Download  1476945 Click to download

File Size   177.91 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CBC-PRC COVER M 800V - Protective cap

1476945 Datasheet (HTML) - PHOENIX CONTACT


1476945 Product details

Protective cap, Range of articles: ArcZero, color: black, rated voltage: 800 VDC, rated current:
20 A. Fit the protective cap when not plugged in.. DC microgrids

Your advantages
• Safe connection and disconnection under load
• Fast disconnection of flying leads
• Time-saving maintenance or replacement of connected devices
• Robust outdoor design even for extreme conditions
• Particularly durable and economical




Similar Part No. - 1476945

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
147694-1 TEC-147694-1 Datasheet
127Kb / 1P
SWITCH, PUSHBUTTON
logo
PHOENIX CONTACT
1476946 PHOENIX-1476946 Datasheet
176Kb / 3P
CBC-PRC COVER F 800V - Protective cap
More results


Similar Description - 1476945

ManufacturerPart #DatasheetDescription
logo
Picker Components
SSR100 PICKER-SSR100 Datasheet
314Kb / 1P
Protective Cover
logo
PHOENIX CONTACT
1409236 PHOENIX-1409236 Datasheet
54Kb / 2P
Protective cap - PRC COVER F
1409237 PHOENIX-1409237 Datasheet
43Kb / 2P
Protective cap - PRC COVER M
1274810 PHOENIX-1274810 Datasheet
185Kb / 5P
Protective cap - PRC 5-TERM-2,5
1312598 PHOENIX-1312598 Datasheet
177Kb / 3P
PRC 20/COVER-IP-M - Protective cap
1312600 PHOENIX-1312600 Datasheet
177Kb / 3P
PRC 20/COVER-IP-F - Protective cap
1441143 PHOENIX-1441143 Datasheet
278Kb / 5P
CBC-PRC 3-FC-FS6 8-21 HR 800V - Coupler connector
1453450 PHOENIX-1453450 Datasheet
278Kb / 5P
CBC-PRC 3-FC-MS6 8-21 800V - Connector
1453451 PHOENIX-1453451 Datasheet
281Kb / 5P
CBC-PRC 3-FT25-MS6 800V - Panel feed-through
1476946 PHOENIX-1476946 Datasheet
176Kb / 3P
CBC-PRC COVER F 800V - Protective cap
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com