Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13449-01 Datasheet (PDF) - Vicor Corporation

13449-01 Datasheet PDF - Vicor Corporation
Part # 13449-01
Download  13449-01 Download
File Size   33.82 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAPACITOR, ALEL, RADIAL, 68uF, -20%, 63V

13449-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
13449-01 Datasheet PDF - Vicor Corporation

Part # 13449-01
Download  13449-01 Click to download

File Size   33.82 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAPACITOR, ALEL, RADIAL, 68uF, -20%, 63V

13449-01 Datasheet (HTML) - Vicor Corporation




Similar Part No. - 13449-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344902 ETC2-1344902 Datasheet
98Kb / 3P
16 AWG stranded (19x29) tinned copper conductors, PVC insulation
1344904 ETC2-1344904 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1344917 ETC2-1344917 Datasheet
96Kb / 2P
Tinned copper, PVC insulation, medium wall
logo
PHOENIX CONTACT
1344923 PHOENIX-1344923 Datasheet
537Kb / 12P
HSCP-SP 1,5-1U6-062/062-7035 - PCB connector
logo
List of Unclassifed Man...
1344926 ETC2-1344926 Datasheet
100Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene insulation
More results


Similar Description - 13449-01

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
13438 VICOR-13438 Datasheet
34Kb / 1P
CAPACITOR, ALEL, RADIAL, 2200uF, -20%, 6.3V
13439 VICOR-13439 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 680uF, -20%, 6.3V
13441 VICOR-13441 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 560uF, -20%, 10V
13442 VICOR-13442 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 1200uF, -20%, 16V
13443 VICOR-13443 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 390uF, -20%, 16V
13444 VICOR-13444 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 820uF, -20% 25V
13448 VICOR-13448 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 220uF, -20%, 63V
13450 VICOR-13450 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 120uF, -20%, 100V
13451 VICOR-13451 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 33uF, -20%, 100V
18741 VICOR-18741 Datasheet
41Kb / 1P
CAPACITOR, ALEL, RADIAL, 2200uF, -20%, 200V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com