Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN58N50 Datasheet (PDF) - IXYS Corporation

IXFN58N50 Datasheet PDF - IXYS Corporation
Part # IXFN58N50
Download  IXFN58N50 Download
File Size   38.22 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description High Current Power MOSFET

IXFN58N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXFN58N50 Datasheet PDF - IXYS Corporation

Part # IXFN58N50
Download  IXFN58N50 Click to download

File Size   38.22 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description High Current Power MOSFET

IXFN58N50 Datasheet (HTML) - IXYS Corporation


IXFN58N50 Product details

High Current Power MOSFET
N-Channel Enhancement Mode

Features
• International standard package
• Isolation voltage 3000V (RMS)
• Low RDS (on) HDMOSTM processl
• Rugged polysilicon gate cell structure
• Low drain-to-case capacitance (<60 pF)
    - reduced RFI
• Low package inductance (< 10 nH)
    - easy to drive and to protect
• Aluminium Nitride Isolation
    - increased current ratings

Applications
• DC choppers
• AC motor speed controls
• DC servo and robot drives
• Uninterruptible power supplies (UPS)
• Switched mode and resonant mode power supplies

Advantages
• Easy to mount
• Space savings
• High power density




Similar Part No. - IXFN58N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN50N120SIC IXYS-IXFN50N120SIC Datasheet
474Kb / 7P
SiC Power MOSFET
logo
Inchange Semiconductor ...
IXFN50N120SIC ISC-IXFN50N120SIC Datasheet
516Kb / 3P
SiC N-Channel MOSFET
logo
IXYS Corporation
IXFN50N120SK IXYS-IXFN50N120SK Datasheet
289Kb / 4P
Kelvin Source gate connection
IXFN50N25 IXYS-IXFN50N25 Datasheet
295Kb / 8P
HIPERFET Power MOSFTETs
IXFN50N50 IXYS-IXFN50N50 Datasheet
121Kb / 4P
HiPerFET Power MOSFET
More results


Similar Description - IXFN58N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTN58N50 IXYS-IXTN58N50 Datasheet
53Kb / 2P
High Current Power MOSFET
IXTH88N15 IXYS-IXTH88N15 Datasheet
125Kb / 2P
High Current Power MOSFET
logo
STMicroelectronics
L6743 STMICROELECTRONICS-L6743 Datasheet
317Kb / 17P
High current MOSFET driver
20-Aug-2007
logo
Harris Corporation
HV400 HARRIS-HV400 Datasheet
3Mb / 10P
High Current MOSFET Driver
HV400-MJ HARRIS-HV400-MJ Datasheet
3Mb / 10P
High Current MOSFET Driver
logo
IXYS Corporation
IXTH75N15 IXYS-IXTH75N15 Datasheet
589Kb / 5P
High Current Power MOSFET N-Channel Enhancement Mode
IXTH50N30 IXYS-IXTH50N30 Datasheet
587Kb / 4P
Advance Technical Information High Current Power MOSFET
logo
STMicroelectronics
L6743D STMICROELECTRONICS-L6743D Datasheet
423Kb / 16P
High current MOSFET driver
09-Dec-2008
L6747C STMICROELECTRONICS-L6747C Datasheet
341Kb / 15P
High current MOSFET driver
23-Apr-2010
logo
IXYS Corporation
IXTQ40N50Q IXYS-IXTQ40N50Q Datasheet
561Kb / 4P
High Current Power MOSFET Q-Class
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com