Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN58N50 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFN58N50
Description  High Current Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN58N50 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFN58N50 Datasheet HTML 1Page - IXYS Corporation IXFN58N50 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFN 58N50
IXFN 61N50
g
fs
V
DS
= 10 V; I
D = 0.5 ID25, pulse test
20
30
S
C
iss
V
GS
= 0 V, V
DS = 25 V, f = 1 MHz
11
nF
C
oss
1550
pF
C
rss
225
pF
t
d(on)
V
GS
= 10 V, V
DS = 0.5 VDSS , ID = 50 A
30
ns
t
r
R
G
= 1
Ω (External)
60
ns
t
d(off)
100
ns
t
f
50
ns
Q
g
V
GS
= 10 V, V
DS = 0.5 VDSS , ID = ID25
420
nC
Q
gs
55
nC
Q
gd
160
nC
R
thJC
0.20 K/W
R
thCK
0.05
K/W
Source-Drain Diode
Ratings and Characteristics
(T
J = 25°C unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS
= 0
61
A
I
SM
Repetitive; pulse width limited by T
JM
244
A
V
SD
I
F
= I
S, VGS = 0 V,
1.5
V
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
t
rr
I
F
= 50A, di/dt = -100 A/µs, V
R = 100 V
250
ns
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
Package Outline
Notes:
1. Pulse width limited by max T
J.
2. I
F
< I
DM
, di/dt < 100 A/µs, V
DD
< V
DSS
, T
J
< 150ºC, R
G
= 2
Ω.
The data supplied herein reflects the pre-production objective specification and characterization from engineering lots.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com