Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN58N50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN58N50
Description  High Current Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN58N50 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN58N50 Datasheet HTML 1Page - IXYS Corporation IXFN58N50 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IXYS Corporation
3540 Bassett Street, Santa Clara,CA 95054
Tel: 408-982-0700
Fax: 408-496-0670
IXYS Semiconductor
Edisonstr. 15, D-68623 Lampertheim, Germany
Tel: +49-6206-5030
Fax: +49-6206-503629
I
XYS reserves the right to change limits, test conditions, and dimensions.
IXFN 58N50
IXFN 61N50
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
V
DSS
V
GS = 0 V, I D = 5 mA
500
V
V
GS(th)
V
DS = V GS
,
I
D = 12 mA
1.7
4.0
V
I
GSS
V
GS = ±20 V DC, VDS = 0
±200
nA
I
DSS
V
DS = 0.8 V DSS
T
J = 25°C
500
µA
V
GS = 0 V
T
J = 125°C
2
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
58N50
85 m
Ω
61N50
75 m
Ω
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25°C to 150°C
500
V
V
DGR
T
J
= 25°C to 150°C; R
GS = 1.0 MΩ
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
IXFN 58N50
58
A
IXFN 61N50
61
A
I
DM
T
C = 25°C (1)
IXFN 58N50
232
A
IXFN 61N50
244
A
P
D
T
C = 25°C
625
W
T
J
-40 ... +150
°C
T
JM
150
°C
T
stg
-40 ... +150
°C
V
ISOL
50/60 Hz, RMS
t = 1 minute
2500
V~
t = 1s
3000
V~
M
d
Mounting torque
1.5/13
Nm/lb.in.
Terminal connection torque (M4)
1.5/13
Nm/lb.in.
Weight
30
g
E
AR
75
mJ
4
2
1
3
miniBLOC, SOT-227 B
1 = Source
2 = Gate
3 = Drain
4 = Source
V
DSS
I
D25
R
DS(on)
IXFN 58N50
500V
58A
85 m
Ω
IXFN 61N50
500V
61A
75 m
Ω
Preliminary Data Sheet
High Current Power MOSFET
N-Channel Enhancement Mode
Features
• International standard package
• Isolation voltage 3000V (RMS)
• Low R
DS (on) HDMOS
TM processl
• Rugged polysilicon gate cell structure
• Low drain-to-case capacitance
(<60 pF)
- reduced RFI
• Low package inductance (< 10 nH)
- easy to drive and to protect
• Aluminium Nitride Isolation
- increased current ratings
Applications
• DC choppers
• AC motor speed controls
• DC servo and robot drives
• Uninterruptible power supplies (UPS)
• Switched mode and resonant mode
power supplies
Advantages
• Easy to mount
• Space savings
• High power density
©1996 IXYS Corporation. All rights reserved.
92810G (10/95)


Similar Part No. - IXFN58N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN50N120SIC IXYS-IXFN50N120SIC Datasheet
474Kb / 7P
SiC Power MOSFET
logo
Inchange Semiconductor ...
IXFN50N120SIC ISC-IXFN50N120SIC Datasheet
516Kb / 3P
SiC N-Channel MOSFET
logo
IXYS Corporation
IXFN50N120SK IXYS-IXFN50N120SK Datasheet
289Kb / 4P
Kelvin Source gate connection
IXFN50N25 IXYS-IXFN50N25 Datasheet
295Kb / 8P
HIPERFET Power MOSFTETs
IXFN50N50 IXYS-IXFN50N50 Datasheet
121Kb / 4P
HiPerFET Power MOSFET
More results

Similar Description - IXFN58N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTN58N50 IXYS-IXTN58N50 Datasheet
53Kb / 2P
High Current Power MOSFET
IXTH88N15 IXYS-IXTH88N15 Datasheet
125Kb / 2P
High Current Power MOSFET
logo
STMicroelectronics
L6743 STMICROELECTRONICS-L6743 Datasheet
317Kb / 17P
High current MOSFET driver
20-Aug-2007
logo
Harris Corporation
HV400 HARRIS-HV400 Datasheet
3Mb / 10P
High Current MOSFET Driver
HV400-MJ HARRIS-HV400-MJ Datasheet
3Mb / 10P
High Current MOSFET Driver
logo
IXYS Corporation
IXTH75N15 IXYS-IXTH75N15 Datasheet
589Kb / 5P
High Current Power MOSFET N-Channel Enhancement Mode
IXTH50N30 IXYS-IXTH50N30 Datasheet
587Kb / 4P
Advance Technical Information High Current Power MOSFET
logo
STMicroelectronics
L6743D STMICROELECTRONICS-L6743D Datasheet
423Kb / 16P
High current MOSFET driver
09-Dec-2008
L6747C STMICROELECTRONICS-L6747C Datasheet
341Kb / 15P
High current MOSFET driver
23-Apr-2010
logo
IXYS Corporation
IXTQ40N50Q IXYS-IXTQ40N50Q Datasheet
561Kb / 4P
High Current Power MOSFET Q-Class
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com