Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-1638 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDMP-1638 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDMP-1638
Download  HDMP-1638 Download
File Size   253.33 Kbytes
Page   19 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Gigabit Ethernet Transceiver Chip with Dual Serial I/O and Differential PECL Clock Inputs

HDMP-1638 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDMP-1638 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDMP-1638
Download  HDMP-1638 Click to download

File Size   253.33 Kbytes
Page   19 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Gigabit Ethernet Transceiver Chip with Dual Serial I/O and Differential PECL Clock Inputs

HDMP-1638 Datasheet (HTML) - Agilent(Hewlett-Packard)


HDMP-1638 Product details

Description
The HDMP-1638 transceiver is a single silicon bipolar integrated circuit packaged in a plastic QFP package. It provides a low-cost, low-power physical layer solution for 1250 MBd Gigabit Ethernet or proprietary link interfaces.
It provides complete Serialize/Deserialize (“SerDes”) for copper transmission, incorporating both the Gigabit Ethernet transmit and receive functions into a single device.

Features
• IEEE 802.3z Gigabit Ethernet
   compatible, Supports
   1250 MBd Gigabit Ethernet
• Based on X3T11 “10-Bit Specification”
• Low Power Consumption
• Transmitter and Receiver
   Functions Incorporated
   Onto a Single IC
• 10 mm, 64-Pin Plastic Package
• 5 Volt Tolerant I/Os
• 10-Bit Wide Parallel TTL Compatible I/Os
• Single +3.3 V Power Supply
• Differential PECL Clock Inputs
• Dual Serial I/O With Receive Select
• 2kV ESD Protection on All Pins

Applications
• 1250 MBd Gigabit Ethernet Interface
• High Speed Proprietary Interface
• Backplane Serialization/Bus Extender




Similar Part No. - HDMP-1638

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1636 HP-HDMP-1636 Datasheet
325Kb / 15P
Gigabit Ethernet Transceiver Chip
HDMP-1636A HP-HDMP-1636A Datasheet
281Kb / 18P
Gigabit Ethernet and Fibre Channel SerDes ICs
logo
Broadcom Corporation.
HDMP-1636A BOARDCOM-HDMP-1636A Datasheet
820Kb / 25P
1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
logo
Agilent(Hewlett-Packard...
HDMP-1637A HP-HDMP-1637A Datasheet
256Kb / 16P
Gigabit Ethernet SerDes Circuit with Differential PECL Clock Inputs
More results


Similar Description - HDMP-1638

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6350 NJRC-NJU6350 Datasheet
87Kb / 9P
SERIAL I/O REAL TIME CLOCK
NJU6355 NJRC-NJU6355 Datasheet
62Kb / 6P
SERIAL I/O REAL TIME CLOCK
logo
Wolfson Microelectronic...
WM0831 WOLFSON-WM0831 Datasheet
535Kb / 14P
8-Bit ADCs with Serial Interface and Differential or Dual Inputs
logo
Agilent(Hewlett-Packard...
HDMP-1636 HP-HDMP-1636 Datasheet
325Kb / 15P
Gigabit Ethernet Transceiver Chip
logo
New Japan Radio
NJU6356 NJRC-NJU6356 Datasheet
72Kb / 6P
SERIAL I/O REAL TIME CLOCK
logo
Agilent(Hewlett-Packard...
HDMP-1637A HP-HDMP-1637A Datasheet
256Kb / 16P
Gigabit Ethernet SerDes Circuit with Differential PECL Clock Inputs
logo
Integrated Device Techn...
8T33FS6222 IDT-8T33FS6222 Datasheet
779Kb / 34P
Two selectable differential PECL inputs
logo
Red Lion Controls. Inc
ET-16DI2 REDLION-ET-16DI2 Datasheet
744Kb / 1P
Ethernet I/O Module ??Discrete Inputs
ET-16AI2 REDLION-ET-16AI2 Datasheet
462Kb / 1P
Ethernet I/O Module ??Analog Inputs
logo
NXP Semiconductors
MC92604 NXP-MC92604 Datasheet
203Kb / 2P
Dual Gigabit Ethernet SerDes Transceiver
2004 REV 1
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com