Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS293 Datasheet (PDF) - ON Semiconductor

74LS293 Datasheet PDF - ON Semiconductor
Part # 74LS293
Download  74LS293 Download
File Size   74.26 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DECADE COUNTER; 4-BIT BINARY COUNTER

74LS293 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LS293 Datasheet PDF - ON Semiconductor

Part # 74LS293
Download  74LS293 Click to download

File Size   74.26 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DECADE COUNTER; 4-BIT BINARY COUNTER

74LS293 Datasheet (HTML) - ON Semiconductor


74LS293 Product details

DECADE COUNTER; 4-BIT BINARY COUNTER

The SN54 /74LS290 and SN54 /74LS293 are high-speed 4-bit ripple type counters partitioned into two sections. Each counter has a divide-by-two section and either a divide-by-five (LS290) or divide-by-eight (LS293) section which are triggered by a HIGH-to-LOW transition on the clock inputs. Each section can be used separately or tied together (Q to CP)to form BCD, Bi-quinary, or Modulo-16 counters. Both of the counters have a 2-input gated Master Reset (Clear), and the LS290 also has a 2-input gated Master Set (Preset 9).

• Corner Power Pin Versions of the LS90 and LS93
• Low Power Consumption . . . Typically 45 mW
• High Count Rates . . . Typically 42 MHz
• Choice of Counting Modes . . . BCD, Bi-Quinary, Binary
• Input Clamp Diodes Limit High Speed Termination Effects




Similar Part No. - 74LS293

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS293 MOTOROLA-74LS293 Datasheet
205Kb / 7P
DECADE COUNTER; 4-BIT BINARY COUNTER
logo
Texas Instruments
74LS293 TI-74LS293 Datasheet
297Kb / 8P
DECADE AND 4-BIT BINARY COUNTERS
logo
Hitachi Semiconductor
74LS293 HITACHI-74LS293 Datasheet
85Kb / 7P
4-bit Binary Counters
More results


Similar Description - 74LS293

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS290 MOTOROLA-SN54LS290 Datasheet
205Kb / 7P
DECADE COUNTER; 4-BIT BINARY COUNTER
SN54LS390 MOTOROLA-SN54LS390 Datasheet
193Kb / 7P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
SN54LS90 MOTOROLA-SN54LS90 Datasheet
109Kb / 6P
DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
National Semiconductor ...
MM54C90 NSC-MM54C90 Datasheet
124Kb / 6P
4-Bit Decade, Binary Counter
logo
ON Semiconductor
SN54-74LS390 ONSEMI-SN54-74LS390 Datasheet
71Kb / 5P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
SN54-74LS90 ONSEMI-SN54-74LS90 Datasheet
80Kb / 6P
DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
STMicroelectronics
M54HC4518 STMICROELECTRONICS-M54HC4518 Datasheet
270Kb / 13P
HC4518 DUAL DECADE COUNTER HC4520 DUAL 4 BIT BINARY COUNTER
Mar-1993
logo
Hitachi Semiconductor
HD74HC668 HITACHI-HD74HC668 Datasheet
84Kb / 14P
Synchronous UP/Down Decade,4-bit binary Counter
logo
Fairchild Semiconductor
F10016 FAIRCHILD-F10016 Datasheet
264Kb / 6P
BCD DECADE COUNTER/4-BIT BINARY COUNTER
MM74C90 FAIRCHILD-MM74C90_02 Datasheet
67Kb / 7P
4-Bit Decade Counter ??4-Bit Binary Counter
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com