Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS293 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74LS293
Description  DECADE COUNTER; 4-BIT BINARY COUNTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS293 Datasheet(HTML) 1 Page - ON Semiconductor

  74LS293 Datasheet HTML 1Page - ON Semiconductor 74LS293 Datasheet HTML 2Page - ON Semiconductor 74LS293 Datasheet HTML 3Page - ON Semiconductor 74LS293 Datasheet HTML 4Page - ON Semiconductor 74LS293 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5-1
FAST AND LS TTL DATA
DECADE COUNTER;
4-BIT BINARY COUNTER
The SN54 / 74LS290 and SN54 / 74LS293 are high-speed 4-bit ripple type
counters partitioned into two sections. Each counter has a divide-by-two sec-
tion and either a divide-by-five (LS290) or divide-by-eight (LS293) section
which are triggered by a HIGH-to-LOW transition on the clock inputs. Each
section can be used separately or tied together (Q to CP)to form BCD,
Bi-quinary, or Modulo-16 counters. Both of the counters have a 2-input gated
Master Reset (Clear), and the LS290 also has a 2-input gated Master Set
(Preset 9).
• Corner Power Pin Versions of the LS90 and LS93
• Low Power Consumption . . . Typically 45 mW
• High Count Rates . . . Typically 42 MHz
• Choice of Counting Modes . . . BCD, Bi-Quinary, Binary
• Input Clamp Diodes Limit High Speed Termination Effects
14
13
12
11
10
9
12
3456
8
7
VCC
MR
MR
CP1
CP0
Q0
Q3
MS
NC
MS
Q2
Q1
NC
GND
CONNECTION DIAGRAM DIP (TOP VIEW)
LS290
LS293
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
14
13
12
11
10
9
1234
56
8
7
VCC
MR
MR
CP1
CP0
Q0
Q3
NC
NC
NC
Q2
Q1
NC
GND
PIN NAMES
LOADING (Note a)
HIGH
LOW
CP0
Clock (Active LOW going edge) Input to
÷2 Section.
0.05 U.L.
1.5 U.L.
CP1
Clock (Active LOW going edge) Input to
÷5 Section (LS290).
0.05 U.L.
2.0 U.L.
CP1
Clock (Active LOW going edge) Input to
÷8 Section (LS293).
0.05 U.L.
1.0 U.L.
MR1, MR2
Master Reset (Clear) Inputs
0.5 U.L.
0.25 U.L.
MS1, MS2
Master Set (Preset-9, LS290) Inputs
0.5 U.L.
0.25 U.L.
Q0
Output from
÷2 Section (Notes b & c)
10 U.L.
5 (2.5) U.L.
Q1, Q2, Q3
Outputs from
÷5 & ÷8 Sections (Note b)
10 U.L.
5 (2.5) U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74) Temperature Ranges.
c) The Q0 Outputs are guaranteed to drive the full fan-out plus the CP1 Input of the device.
SN54/74LS290
SN54/74LS293
DECADE COUNTER;
4-BIT BINARY COUNTER
LOW POWER SCHOTTKY
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
14
1
D SUFFIX
SOIC
CASE 751A-02


Similar Part No. - 74LS293

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS293 MOTOROLA-74LS293 Datasheet
205Kb / 7P
DECADE COUNTER; 4-BIT BINARY COUNTER
logo
Texas Instruments
74LS293 TI-74LS293 Datasheet
297Kb / 8P
DECADE AND 4-BIT BINARY COUNTERS
logo
Hitachi Semiconductor
74LS293 HITACHI-74LS293 Datasheet
85Kb / 7P
4-bit Binary Counters
More results

Similar Description - 74LS293

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS290 MOTOROLA-SN54LS290 Datasheet
205Kb / 7P
DECADE COUNTER; 4-BIT BINARY COUNTER
SN54LS390 MOTOROLA-SN54LS390 Datasheet
193Kb / 7P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
SN54LS90 MOTOROLA-SN54LS90 Datasheet
109Kb / 6P
DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
National Semiconductor ...
MM54C90 NSC-MM54C90 Datasheet
124Kb / 6P
4-Bit Decade, Binary Counter
logo
ON Semiconductor
SN54-74LS390 ONSEMI-SN54-74LS390 Datasheet
71Kb / 5P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
SN54-74LS90 ONSEMI-SN54-74LS90 Datasheet
80Kb / 6P
DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
STMicroelectronics
M54HC4518 STMICROELECTRONICS-M54HC4518 Datasheet
270Kb / 13P
HC4518 DUAL DECADE COUNTER HC4520 DUAL 4 BIT BINARY COUNTER
Mar-1993
logo
Hitachi Semiconductor
HD74HC668 HITACHI-HD74HC668 Datasheet
84Kb / 14P
Synchronous UP/Down Decade,4-bit binary Counter
logo
Fairchild Semiconductor
F10016 FAIRCHILD-F10016 Datasheet
264Kb / 6P
BCD DECADE COUNTER/4-BIT BINARY COUNTER
MM74C90 FAIRCHILD-MM74C90_02 Datasheet
67Kb / 7P
4-Bit Decade Counter ??4-Bit Binary Counter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com