Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS293 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74LS293
Description  DECADE COUNTER; 4-BIT BINARY COUNTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS293 Datasheet(HTML) 5 Page - ON Semiconductor

  74LS293 Datasheet HTML 1Page - ON Semiconductor 74LS293 Datasheet HTML 2Page - ON Semiconductor 74LS293 Datasheet HTML 3Page - ON Semiconductor 74LS293 Datasheet HTML 4Page - ON Semiconductor 74LS293 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5-5
FAST AND LS TTL DATA
SN54/74LS290
D SN54/74LS293
AC CHARACTERISTICS (TA = 25°C, VCC = 5.0 V, CL = 15 pF)
Sb l
P
Limits
Ui
Sb l
P
LS290
LS293
Ui
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
CP0 Input Clock Frequency
32
32
MHz
fMAX
CP1 Input Clock Frequency
16
16
MHz
tPLH
tPHL
Propagation Delay,
CP0 Input to Q0 Output
10
12
16
18
10
12
16
18
ns
tPLH
tPHL
CP0 Input to Q3 Output
32
34
48
50
46
46
70
70
ns
tPLH
tPHL
CP1 Input to Q1 Output
10
14
16
21
10
14
16
21
ns
tPLH
tPHL
CP1 Input to Q2 Output
21
23
32
35
21
23
32
35
ns
tPLH
tPHL
CP1 Input to Q3 Output
21
23
32
35
34
34
51
51
ns
tPHL
MS Input to Q0 and Q3 Outputs
20
30
ns
tPHL
MS Input to Q1 and Q2 Outputs
26
40
ns
tPHL
MR Input to Any Output
26
40
26
40
ns
AC SETUP REQUIREMENTS (TA = 25°C, VCC = 5.0 V)
Sb l
P
Limits
Ui
Sb l
P
LS290
LS293
Ui
Symbol
Parameter
Min
Max
Min
Max
Unit
tW
CP0 Pulse Width
15
15
ns
tW
CP1 Pulse Width
30
30
ns
tW
MS Pulse Width
15
ns
tW
MR Pulse Width
15
15
ns
trec
Recovery Time MR to CP
25
25
ns
RECOVERY TIME (trec) is defined as the minimum time required between the end of the reset pulse and the clock transition form HIGH-to-LOW in order to
recognize and transfer HIGH data to the Q outputs.
Figure 1
*CP
Q
1.3 V
1.3 V
1.3 V
1.3 V
tPHL
tPLH
Figure 2
Figure 3
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
MR & MS
CP
Q
tPHL
tPLH
MS
CP
Q0 ⋅ Q3
(LS290)
*The number of Clock Pulses required between the tPHL and tPLH measurements can be determined from the appropriate Truth Tables.
AC WAVEFORMS
tW
tW
trec
tW
trec



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com