Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3588-Z Datasheet (PDF) - Inchange Semiconductor Company Limited

2SC3588-Z Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SC3588-Z
Download  2SC3588-Z Download
File Size   285.61 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

2SC3588-Z Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3588-Z Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SC3588-Z
Download  2SC3588-Z Click to download

File Size   285.61 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

2SC3588-Z Datasheet (HTML) - Inchange Semiconductor Company Limited


2SC3588-Z Product details

DESCRIPTION
• Low Collector Saturation Voltage
   VCE(sat)= 0.5V(Max)@ IC= 300mA
• High Collector-Emitter Breakdown Voltage
   V(BR)CEO= 400V(Min)
• Complement to Type 2SA1400-Z
• Minimum Lot-to-Lot variations for robust device
   performance and reliable operation

APPLICATIONS
• Designed for high Voltage switching applications




Similar Part No. - 2SC3588-Z

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3588-Z NEC-2SC3588-Z Datasheet
238Kb / 4P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR MP-3
logo
Guangdong Kexin Industr...
2SC3588-Z KEXIN-2SC3588-Z Datasheet
40Kb / 1P
NPN Silicon Triple Diffused Transistor
logo
Renesas Technology Corp
2SC3588-Z RENESAS-2SC3588-Z Datasheet
243Kb / 4P
SILICON TRANSISTOR
1985
More results


Similar Description - 2SC3588-Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com