Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K13L Datasheet (PDF) - Fox Electronics

K13L Datasheet PDF - Fox Electronics
Part # K13L
Download  K13L Download
File Size   283.15 Kbytes
Page   3 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 3.2 x 1.5mm SMD Tuning Fork, Low ESR

K13L Datasheet (PDF)

Go To PDF Page Download Datasheet
K13L Datasheet PDF - Fox Electronics

Part # K13L
Download  K13L Click to download

File Size   283.15 Kbytes
Page   3 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 3.2 x 1.5mm SMD Tuning Fork, Low ESR

K13L Datasheet (HTML) - Fox Electronics




Similar Part No. - K13L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
K13 YIXIN-K13 Datasheet
1Mb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
K13 SAMYANG-K13 Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIERS
logo
Daniels Manufacturing C...
K13-1 DMC-K13-1 Datasheet
38Kb / 1P
ENVELOPE DRAWING M22520/2-08 POSITIONER
REV.2
K13-1-ENV DMC-K13-1-ENV Datasheet
38Kb / 1P
ENVELOPE DRAWING M22520/2-08 POSITIONER
REV.2
K13-1. DMC-K13-1. Datasheet
38Kb / 1P
ENVELOPE DRAWING M22520/2-08 POSITIONER
REV.2
More results


Similar Description - K13L

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
CM7V-T1A MICROCRYSTAL-CM7V-T1A Datasheet
114Kb / 2P
Tuning Fork Crystal 32.768 kHz Low ESR
logo
Fox Electronics
K135 FOX-K135 Datasheet
300Kb / 3P
3.2 x 1.5mm SMD Tuning Fork
K145 FOX-K145 Datasheet
309Kb / 3P
4.1 x 1.5mm SMD Tuning Fork
K255 FOX-K255 Datasheet
220Kb / 2P
4.9 x 1.8mm SMD Tuning Fork
K13A FOX-K13A Datasheet
302Kb / 3P
3.2 x 1.5mm Auto Grade Tuning Fork
K122 FOX-K122 Datasheet
403Kb / 3P
2 x 1.2mm SMD Tuning Fork
logo
Transko Electronics, In...
CS31 TRANSKO-CS31 Datasheet
362Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
Rev.2: Nov. 2014
CX31 TRANSKO-CX31 Datasheet
298Kb / 2P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
Rev.0: 11-12-2020
SMTF TRANSKO-SMTF Datasheet
358Kb / 1P
MINIATURE SMD TUNING FORK CRYSTAL (5.2 x 1.4 x 1.5mm)
Ver. 2: Sep. 2013
logo
Fox Electronics
FK135 FOX-FK135 Datasheet
397Kb / 3P
3.2mm x 1.5mm SMD Tuning Fork
Revised C: 07/29/2022
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com