Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40FD Datasheet (PDF) - Semikron International

B40FD Datasheet PDF - Semikron International
Part # B40FD
Download  B40FD Download
File Size   161.02 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Fast Switching Si-Bridge Rectifiers

B40FD Datasheet (PDF)

Go To PDF Page Download Datasheet
B40FD Datasheet PDF - Semikron International

Part # B40FD
Download  B40FD Click to download

File Size   161.02 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Fast Switching Si-Bridge Rectifiers

B40FD Datasheet (HTML) - Semikron International


B40FD Product details

Forward Current: 1,0 A
Reverse Voltage: 80 to 800 V

Features
• max. solder temperature 260 °C
• UL recognized, file no. E63532
• Standard packaging: plastic tubes




Similar Part No. - B40FD

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
B40FD DIOTEC-B40FD Datasheet
141Kb / 2P
Fast Switching Si-Bridge Rectifiers
B40FD DIOTEC-B40FD Datasheet
128Kb / 2P
Fast Switching Si-Bridge-Rectifiers
B40FD DIOTEC-B40FD_09 Datasheet
128Kb / 2P
Fast Switching Si-Bridge-Rectifiers
More results


Similar Description - B40FD

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
B40FD DIOTEC-B40FD Datasheet
141Kb / 2P
Fast Switching Si-Bridge Rectifiers
B40FS DIOTEC-B40FS Datasheet
140Kb / 2P
Fast Switching Surface Mount Si-Bridge Rectifiers
logo
Semikron International
B40FS SEMIKRON-B40FS Datasheet
165Kb / 2P
Fast Switching Surface Mount Si-Bridge Rectifiers
logo
Diotec Semiconductor
D-BY228G DIOTEC-D-BY228G Datasheet
69Kb / 2P
Fast Switching Si-Rectifiers
S40F DIOTEC-S40F Datasheet
113Kb / 2P
Fast Switching Surface Mount Si-Bridge-Rectifiers
B40FD DIOTEC-B40FD_09 Datasheet
128Kb / 2P
Fast Switching Si-Bridge-Rectifiers
B40FS DIOTEC-B40FS_10 Datasheet
120Kb / 2P
Fast switching Surface Mount Si-Bridge-Rectifiers
D-BY228G DIOTEC-D-BY228G_11 Datasheet
96Kb / 2P
Fast Switching Si-Rectifiers
S40F DIOTEC-S40F_10 Datasheet
122Kb / 2P
"Slim" Profile Fast Switching Surface Mount Si-Bridge-Rectifiers
B40FS DIOTEC-B40FS_13 Datasheet
125Kb / 2P
Slim Profile Fast switching Surface Mount Si-Bridge-Rectifiers
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com