Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40FD Datasheet (PDF) - Diotec Semiconductor

B40FD Datasheet PDF - Diotec Semiconductor
Part # B40FD
Download  B40FD Download
File Size   141.93 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Fast Switching Si-Bridge Rectifiers

B40FD Datasheet (PDF)

Go To PDF Page Download Datasheet
B40FD Datasheet PDF - Diotec Semiconductor

Part # B40FD
Download  B40FD Click to download

File Size   141.93 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Fast Switching Si-Bridge Rectifiers

B40FD Datasheet (HTML) - Diotec Semiconductor


B40FD Product details

Fast Switching Si-Bridge-Rectifiers

• Nominal current                                    1 A
• Alternating input voltage            40...380 V
• Plastic case DIL           8.3 x 6.4 x 3.1[mm]
• Weight approx.                                   0.4 g
• Plastic material has UL classification 94V-0
• Standard packaging: plastic tubes




Similar Part No. - B40FD

ManufacturerPart #DatasheetDescription
logo
Semikron International
B40FD SEMIKRON-B40FD Datasheet
161Kb / 2P
Fast Switching Si-Bridge Rectifiers
logo
Diotec Semiconductor
B40FD DIOTEC-B40FD Datasheet
128Kb / 2P
Fast Switching Si-Bridge-Rectifiers
B40FD DIOTEC-B40FD_09 Datasheet
128Kb / 2P
Fast Switching Si-Bridge-Rectifiers
More results


Similar Description - B40FD

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
B40FS DIOTEC-B40FS Datasheet
140Kb / 2P
Fast Switching Surface Mount Si-Bridge Rectifiers
logo
Semikron International
B40FD SEMIKRON-B40FD Datasheet
161Kb / 2P
Fast Switching Si-Bridge Rectifiers
B40FS SEMIKRON-B40FS Datasheet
165Kb / 2P
Fast Switching Surface Mount Si-Bridge Rectifiers
logo
Diotec Semiconductor
D-BY228G DIOTEC-D-BY228G Datasheet
69Kb / 2P
Fast Switching Si-Rectifiers
S40F DIOTEC-S40F Datasheet
113Kb / 2P
Fast Switching Surface Mount Si-Bridge-Rectifiers
B40FD DIOTEC-B40FD_09 Datasheet
128Kb / 2P
Fast Switching Si-Bridge-Rectifiers
B40FS DIOTEC-B40FS_10 Datasheet
120Kb / 2P
Fast switching Surface Mount Si-Bridge-Rectifiers
D-BY228G DIOTEC-D-BY228G_11 Datasheet
96Kb / 2P
Fast Switching Si-Rectifiers
S40F DIOTEC-S40F_10 Datasheet
122Kb / 2P
"Slim" Profile Fast Switching Surface Mount Si-Bridge-Rectifiers
B40FS DIOTEC-B40FS_13 Datasheet
125Kb / 2P
Slim Profile Fast switching Surface Mount Si-Bridge-Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com