Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6907 Datasheet (PDF) - Analog Devices

LTC6907 Datasheet PDF - Analog Devices
Part # LTC6907
Download  LTC6907 Download
File Size   755.02 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description TimerBlox: Delay Block/ Debouncer

LTC6907 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6907 Datasheet PDF - Analog Devices

Part # LTC6907
Download  LTC6907 Click to download

File Size   755.02 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description TimerBlox: Delay Block/ Debouncer

LTC6907 Datasheet (HTML) - Analog Devices


LTC6907 Product details

DESCRIPTION
The LTC®6994 is a programmable delay block with a range of 1µs to 33.6 seconds. The LTC6994 is part of the TimerBlox® family of versatile silicon timing devices.

FEATURES
■ Delay Range: 1µs to 33.6 Seconds
■ Configured with 1 to 3 Resistors
■ Delay Max Error:
   – <2.3% for Delay > 512µs
   – <3.4% for Delay of 8µs to 512µs
   – <5.1% for Delay of 1µs to 8µs
■ Delay One or Both Rising/Falling Edges
■ 2.25V to 5.5V Single Supply Operation
■ 70µA Supply Current at 10µs Delay
■ 500µs Start-Up Time
■ CMOS Output Driver Sources/Sinks 20mA
■ –55°C to 125°C Operating Temperature Range
■ Available in Low Profile (1mm) SOT-23 (ThinSOT™) and 2mm × 3mm DFN
■ AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
■ Noise Discriminators/Pulse Qualifiers
■ Delay Matching
■ Switch Debouncing
■ High Vibration, High Acceleration Environments
■ Portable and Battery-Powered Equipment




Similar Part No. - LTC6907

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6907 LINER-LTC6907 Datasheet
170Kb / 12P
Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
LTC6907 LINER-LTC6907 Datasheet
367Kb / 28P
TimerBlox: Long Timer, Low Frequency Oscillator
LTC6907 LINER-LTC6907 Datasheet
176Kb / 12P
Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
logo
Analog Devices
LTC6907 AD-LTC6907 Datasheet
1Mb / 34P
Voltage-Controlled Pulse Width Modulator (PWM)
11/19-REV.D
LTC6907 AD-LTC6907 Datasheet
661Kb / 24P
TimerBlox: Resettable, Low Frequency Oscillator
Rev. D
More results


Similar Description - LTC6907

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
TimerBlox: Voltage Controlled Silicon Oscillator
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
TimerBlox: Resettable, Low Frequency Oscillator
LTC6994-1 LINER-LTC6994-1 Datasheet
397Kb / 24P
TimerBlox: Delay Block/ Debouncer
LTC6993-1 LINER-LTC6993-1 Datasheet
398Kb / 24P
TimerBlox: Monostable
LTC6990 LINER-LTC6990_10 Datasheet
316Kb / 28P
TimerBlox: Voltage Controlled Silicon Oscillator
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
TimerBlox: Long Timer, Low Frequency Oscillator
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
TimerBlox Long Timer, Low Frequency Oscillator
LTC6994-1 LINER-LTC6994-1_15 Datasheet
383Kb / 26P
Delay Block/ Debouncer
LTC6994-2 LINER-LTC6994-2_15 Datasheet
383Kb / 26P
Delay Block/ Debouncer
LTC699X-X LINER-LTC699X-X Datasheet
398Kb / 14P
TimerBlox: Oscillators, One Shots, PWM, Delay, Power on Reset
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com