Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6907 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC6907
Description  TimerBlox: Delay Block/ Debouncer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6907 Datasheet(HTML) 4 Page - Analog Devices

  LTC6907 Datasheet HTML 1Page - Analog Devices LTC6907 Datasheet HTML 2Page - Analog Devices LTC6907 Datasheet HTML 3Page - Analog Devices LTC6907 Datasheet HTML 4Page - Analog Devices LTC6907 Datasheet HTML 5Page - Analog Devices LTC6907 Datasheet HTML 6Page - Analog Devices LTC6907 Datasheet HTML 7Page - Analog Devices LTC6907 Datasheet HTML 8Page - Analog Devices LTC6907 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC6994-1/LTC6994-2
4
Rev. C
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
V+
Operating Supply Voltage Range
l
2.25
5.5
V
Power-On Reset Voltage
l
1.95
V
IS(IDLE)
Supply Current (Idle)
RL = ∞, RSET = 50k, NDIV ≤ 64
V+ = 5.5V
V+ = 2.25V
l
l
165
125
200
160
µA
µA
RL = ∞, RSET = 50k, NDIV ≥ 512 V+ = 5.5V
V+ = 2.25V
l
l
135
105
175
140
µA
µA
RL = ∞, RSET = 800k, NDIV ≤ 64 V+ = 5.5V
V+ = 2.25V
l
l
70
60
110
95
µA
µA
RL = ∞, RSET = 800k, NDIV ≥ 512 V+ = 5.5V
V+ = 2.25V
l
l
65
55
100
90
µA
µA
Analog Inputs
VSET
Voltage at SET Pin
l
0.97
1.00
1.03
V
∆VSET/∆T
VSET Drift Over Temperature
l
±75
µV/°C
RSET
Frequency-Setting Resistor
l
50
800
kΩ
VDIV
DIV Pin Voltage
l
0
V+
V
∆VDIV/∆V+
DIV Pin Valid Code Range (Note 5)
Deviation from Ideal
VDIV/V+ = (DIVCODE + 0.5)/16
l
±1.5
%
DIV Pin Input Current
l
±10
nA
Digital I/O
IN Pin Input Capacitance
2.5
pF
IN Pin Input Current
IN = 0V to V+
±10
nA
VIH
High Level IN Pin Input Voltage
(Note 6)
l
0.7 • V+
V
VIL
Low Level IN Pin Input Voltage
(Note 6)
l
0.3 • V+
V
IOUT(MAX)
Output Current
V+ = 2.7V to 5.5V
±20
mA
VOH
High Level Output Voltage (Note 7)
V+ = 5.5V
IOUT = –1mA
IOUT = –16mA
l
l
5.45
4.84
5.48
5.15
V
V
V+ = 3.3V
IOUT = –1mA
IOUT = –10mA
l
l
3.24
2.75
3.27
2.99
V
V
V+ = 2.25V
IOUT = –1mA
IOUT = –8mA
l
l
2.17
1.58
2.21
1.88
V
V
VOL
Low Level Output Voltage (Note 7)
V+ = 5.5V
IOUT = 1mA
IOUT = 16mA
l
l
0.02
0.26
0.04
0.54
V
V
V+ = 3.3V
IOUT = 1mA
IOUT = 10mA
l
l
0.03
0.22
0.05
0.46
V
V
V+ = 2.25V
IOUT = 1mA
IOUT = 8mA
l
l
0.03
0.26
0.07
0.54
V
V
tPD
Propagation Delay
V+ = 5.5V
V+ = 3.3V
V+ = 2.25V
10
14
24
ns
ns
ns
tWIDTH
Minimum Recognized Input Pulse Width
V+ = 3.3V
5
ns
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 2.25V to 5.5V, IN = 0V, DIVCODE = 0 to 15
(NDIV = 1 to 221), RSET = 50k to 800k, RLOAD = 5k, CLOAD = 5pF unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com