Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6907 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC6907
Description  TimerBlox: Delay Block/ Debouncer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6907 Datasheet(HTML) 3 Page - Analog Devices

  LTC6907 Datasheet HTML 1Page - Analog Devices LTC6907 Datasheet HTML 2Page - Analog Devices LTC6907 Datasheet HTML 3Page - Analog Devices LTC6907 Datasheet HTML 4Page - Analog Devices LTC6907 Datasheet HTML 5Page - Analog Devices LTC6907 Datasheet HTML 6Page - Analog Devices LTC6907 Datasheet HTML 7Page - Analog Devices LTC6907 Datasheet HTML 8Page - Analog Devices LTC6907 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC6994-1/LTC6994-2
3
Rev. C
For more information www.analog.com
ORDER INFORMATION
Lead Free Finish
AUTOMOTIVE PRODUCTS**
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6994IS6-1#WTRMPBF LTC6994IS6-1#WTRPBF
LTFCV
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6994HS6-1#WTRMPBF LTC6994HS6-1#WTRPBF LTFCV
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6994IS6-2#WTRMPBF LTC6994IS6-2#WTRPBF
LTFCX
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6994HS6-2#WTRMPBF LTC6994HS6-2#WTRPBF LTFCX
6-Lead Plastic TSOT-23
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 2.25V to 5.5V, IN = 0V, DIVCODE = 0 to 15
(NDIV = 1 to 221), RSET = 50k to 800k, RLOAD = 5k, CLOAD = 5pF unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tDELAY
Delay Time
1µ
33.55
sec
∆tDELAY
Delay Accuracy (Note 4)
NDIV ≥ 512
l
±1.7
±2.3
±3.0
%
%
8 ≤ NDIV ≤ 64
l
±2.4
±3.4
±4.4
%
%
NDIV = 1
l
±3.8
±5.1
±6.2
%
%
∆tDELAY/∆T Delay Drift Over Temperature
NDIV ≥ 512
NDIV ≤ 64
l
l
±0.006
±0.008
%/°C
%/°C
Delay Change With Supply
NDIV ≥ 512
V+ = 4.5V to 5.5V
V+ = 2.25V to 4.5V
l
l
–0.6
–0.4
–0.2
–0.1
%
%
8 ≤ NDIV ≤ 64
V+ = 4.5V to 5.5V
V+ = 2.7V to 4.5V
V+ = 2.25V to 2.7V
l
l
l
–0.9
–0.7
–1.1
–0.2
–0.2
–0.1
0.4
0.9
%
%
%
Delay Jitter (Note 10)
NDIV = 1
V+ = 5.5V
V+ = 2.25V
1.0
0.5
%P-P
%P-P
NDIV = 8
0.20
%P-P
NDIV = 64
0.05
%P-P
NDIV = 512
0.20
%P-P
NDIV = 4096
0.03
%P-P
tS
Delay Change Settling Time (Note 9)
tMASTER = tDELAY/NDIV
6 • tMASTER
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com