Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUXHS4412I Datasheet (PDF) - Texas Instruments

TMUXHS4412I Datasheet PDF - Texas Instruments
Part # TMUXHS4412I
Download  TMUXHS4412I Download
File Size   3980.93 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUXHS4412 4-Channel 20 Gbps Differential 2:1/1:2 Mux/Demux

TMUXHS4412I Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUXHS4412I Datasheet PDF - Texas Instruments

Part # TMUXHS4412I
Download  TMUXHS4412I Click to download

File Size   3980.93 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUXHS4412 4-Channel 20 Gbps Differential 2:1/1:2 Mux/Demux

TMUXHS4412I Datasheet (HTML) - Texas Instruments




Similar Part No. - TMUXHS4412I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUXHS4446 TI1-TMUXHS4446 Datasheet
1Mb / 27P
TMUXHS4446 USB-C 10Gbps Alt Mode Crossbar Mux
FEBRUARY 2024
TMUXHS4446-Q1 TI2-TMUXHS4446-Q1 Datasheet
1Mb / 22P
TMUXHS4446-Q1 Automotive rated USB-C 10Gbps Alt Mode Crossbar Mux
JUNE 2026
TMUXHS4446IRETR TI1-TMUXHS4446IRETR Datasheet
1Mb / 27P
TMUXHS4446 USB-C 10Gbps Alt Mode Crossbar Mux
FEBRUARY 2024
TMUXHS4446IRETT TI1-TMUXHS4446IRETT Datasheet
1Mb / 27P
TMUXHS4446 USB-C 10Gbps Alt Mode Crossbar Mux
FEBRUARY 2024
TMUXHS4446RETR TI1-TMUXHS4446RETR Datasheet
1Mb / 27P
TMUXHS4446 USB-C 10Gbps Alt Mode Crossbar Mux
FEBRUARY 2024
More results


Similar Description - TMUXHS4412I

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
One Channel Differential 2:1 Mux/Demux
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
One Channel Differential 2:1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
logo
Texas Instruments
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com