Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUXHS4446-Q1 Datasheet (PDF) - Texas Instruments

TMUXHS4446-Q1 Datasheet PDF - Texas Instruments
Part # TMUXHS4446-Q1
Download  TMUXHS4446-Q1 Download
File Size   1198.31 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUXHS4446-Q1 Automotive rated USB-C 10Gbps Alt Mode Crossbar Mux

TMUXHS4446-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUXHS4446-Q1 Datasheet PDF - Texas Instruments

Part # TMUXHS4446-Q1
Download  TMUXHS4446-Q1 Click to download

File Size   1198.31 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUXHS4446-Q1 Automotive rated USB-C 10Gbps Alt Mode Crossbar Mux

TMUXHS4446-Q1 Datasheet (HTML) - Texas Instruments


TMUXHS4446-Q1 Product details

1 Features
• Passive bidirectional USB-C Alternate Mode Mux to switch between USB and DisplayPort signals
• Supports USB 3.2 up to 10Gbps (Gen 2.0) and DisplayPort 2.1 up to 10Gbps per lane (UHBR10)
• Compatible for Source/Host and Sink/Device applications
• −3dB differential BW: 9.5GHz
• Dynamic characteristics:
– Insertion loss = −1.6dB at 5GHz
– Return loss = −18dB at 5GHz
• Supports common mode voltage (CMV) from 0V to 1.8V
• Adaptive CMV tracking
• 6V tolerant SBU pins to survive short-to-VBUS events
• Can be configured through GPIO pins or I2C
• Supports both 1.8V and 3.3V I2C
• Single supply voltage VCC: 3.3V
• Active power consumption: 340μA
• Low standby power consumption: 0.5μA (pin mode)
• Extended Automotive temperature: −40°C to 125°C
• Available in 3mm × 6mm QFN package




Similar Part No. - TMUXHS4446-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUXHS4446 TI1-TMUXHS4446 Datasheet
1Mb / 27P
TMUXHS4446 USB-C 10Gbps Alt Mode Crossbar Mux
FEBRUARY 2024
TMUXHS4446IRETR TI1-TMUXHS4446IRETR Datasheet
1Mb / 27P
TMUXHS4446 USB-C 10Gbps Alt Mode Crossbar Mux
FEBRUARY 2024
TMUXHS4446IRETT TI1-TMUXHS4446IRETT Datasheet
1Mb / 27P
TMUXHS4446 USB-C 10Gbps Alt Mode Crossbar Mux
FEBRUARY 2024
TMUXHS4446RETR TI1-TMUXHS4446RETR Datasheet
1Mb / 27P
TMUXHS4446 USB-C 10Gbps Alt Mode Crossbar Mux
FEBRUARY 2024
TMUXHS4446RETT TI1-TMUXHS4446RETT Datasheet
1Mb / 27P
TMUXHS4446 USB-C 10Gbps Alt Mode Crossbar Mux
FEBRUARY 2024
More results


Similar Description - TMUXHS4446-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
logo
NXP Semiconductors
CBTL08GP053 NXP-CBTL08GP053 Datasheet
791Kb / 38P
USB Type-C High performance Crossbar Switch IC
Rev. 2 ??1 August 2016
logo
List of Unclassifed Man...
MCDP6000 ETC1-MCDP6000 Datasheet
750Kb / 46P
USB Type-C DP Alt-Mode Switching Retimer
November 21st, 2018
logo
Kinetic Technologies.
MCDP5240 KINETIC-MCDP5240 Datasheet
261Kb / 5P
USB Type-C / DP1.4a Alt-Mode to DPWith USB Retimer
September 2020 - Revision 03b
MCDP6000 KINETIC-MCDP6000 Datasheet
215Kb / 5P
USB Type-C DP Alt-Mode Switching Retimer
June 2021 - Revision 03g
logo
Diodes Incorporated
PI3EQX10312 DIODES-PI3EQX10312 Datasheet
1Mb / 26P
10Gbps, 2-Port, USB 3.1 Mux/Demux ReDriverTM with Integrated USB-C Detector
Rev 3 - 2 March 2019
PI3EQX10612 DIODES-PI3EQX10612 Datasheet
646Kb / 1P
10Gbps, 2-Port, USB 3.1 Mux/Demux RedriverTM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com