Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUXHS4446IRETR Datasheet (PDF) - Texas Instruments

TMUXHS4446IRETR Datasheet PDF - Texas Instruments
Part # TMUXHS4446IRETR
Download  TMUXHS4446IRETR Download
File Size   1378.56 Kbytes
Page   27 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMUXHS4446 USB-C 10Gbps Alt Mode Crossbar Mux

TMUXHS4446IRETR Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUXHS4446IRETR Datasheet PDF - Texas Instruments

Part # TMUXHS4446IRETR
Download  TMUXHS4446IRETR Click to download

File Size   1378.56 Kbytes
Page   27 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMUXHS4446 USB-C 10Gbps Alt Mode Crossbar Mux

TMUXHS4446IRETR Datasheet (HTML) - Texas Instruments


TMUXHS4446IRETR Product details

1 Features
• Passive bidirectional USB-C Alternate Mode Mux
to switch between USB and DisplayPort signals
• Supports USB 3.2 up to 10Gbps (Gen 2.0) and
DisplayPort 2.1 up to 10Gbps per lane (UHBR10)
• Compatible for Source/Host and Sink/Device
applications
• −3dB differential BW: 9.5GHz
• Dynamic characteristics:
– Insertion loss = −1.6dB at 5GHz
– Return loss = −18dB at 5GHz
• Supports common mode voltage (CMV) from 0V to
1.8V
• Adaptive CMV tracking
• 6V tolerant SBU pins to survive short-to-VBUS
events
• Can be configured through GPIO pins or I2C
• Supports both 1.8V and 3.3V I2C
• Single supply voltage VCC: 3.3V
• Active power consumption: 340μA
• Low standby power consumption: 0.5μA (pin
mode)
• Extended industrial temperature: −40°C to 105°C
• Available in 3mm × 6mm QFN package

2 Applications
• PCs and notebooks
• TVs
• Gaming
• Docking Stations
• Home theater and entertainment
• Factory automation and control
• Electronic point of sale (EPOS)
• Smartphones
• Tablets

3 Description
The TMUXHS4446 is a high-speed bidirectional
passive crosspoint switch or cossbar (Xbar). This
device is used to switch between USB 3.2 Gen2
SuperSpeed and DisplayPort 1.4/2.1 (up to 10Gbps
UHBR10) signals over a USB Type-C also known as
USB-C interface. The device also provides switching
for the low-speed SBU signals that are used for
DisplayPort auxiliary channels. The TMUXHS4446
supports differential signaling with a common mode
voltage (CMV) range of 0V to 1.8V and a differential
amplitude from 0V to 1800mVpp. Adaptive CMV
tracking enables the channel through the device
to remain unchanged for the entire common-mode
voltage range.
The dynamic characteristics of the TMUXHS4446
allows high-speed switching with minimum attenuation
to the signal eye diagrams, and very little added
jitter. The silicon design of the device is optimized for
excellent frequency response at a higher frequency
spectrum of the signals. The silicon signal traces and
switch network of the TMUXHS4446 are matched for
best intra-pair skew performance.
The TMUXHS4446 has an extended industrial
temperature range (−40°C to 105°C) designed for
many rugged applications, including industrial and
high reliability use cases.




Similar Part No. - TMUXHS4446IRETR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUXHS4446-Q1 TI2-TMUXHS4446-Q1 Datasheet
1Mb / 22P
TMUXHS4446-Q1 Automotive rated USB-C 10Gbps Alt Mode Crossbar Mux
JUNE 2026
More results


Similar Description - TMUXHS4446IRETR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
logo
NXP Semiconductors
CBTL08GP053 NXP-CBTL08GP053 Datasheet
791Kb / 38P
USB Type-C High performance Crossbar Switch IC
Rev. 2 ??1 August 2016
logo
List of Unclassifed Man...
MCDP6000 ETC1-MCDP6000 Datasheet
750Kb / 46P
USB Type-C DP Alt-Mode Switching Retimer
November 21st, 2018
logo
Kinetic Technologies.
MCDP5240 KINETIC-MCDP5240 Datasheet
261Kb / 5P
USB Type-C / DP1.4a Alt-Mode to DPWith USB Retimer
September 2020 - Revision 03b
MCDP6000 KINETIC-MCDP6000 Datasheet
215Kb / 5P
USB Type-C DP Alt-Mode Switching Retimer
June 2021 - Revision 03g
logo
Diodes Incorporated
PI3EQX10312 DIODES-PI3EQX10312 Datasheet
1Mb / 26P
10Gbps, 2-Port, USB 3.1 Mux/Demux ReDriverTM with Integrated USB-C Detector
Rev 3 - 2 March 2019
PI3EQX10612 DIODES-PI3EQX10612 Datasheet
646Kb / 1P
10Gbps, 2-Port, USB 3.1 Mux/Demux RedriverTM
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com