Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDCAN03-2BM3Y Datasheet (PDF) - STMicroelectronics

ESDCAN03-2BM3Y Datasheet PDF - STMicroelectronics
Part # ESDCAN03-2BM3Y
Download  ESDCAN03-2BM3Y Download
File Size   1340.3 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive dual-line TVS in DFN for CAN bus

ESDCAN03-2BM3Y Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDCAN03-2BM3Y Datasheet PDF - STMicroelectronics

Part # ESDCAN03-2BM3Y
Download  ESDCAN03-2BM3Y Click to download

File Size   1340.3 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive dual-line TVS in DFN for CAN bus

ESDCAN03-2BM3Y Datasheet (HTML) - STMicroelectronics


ESDCAN03-2BM3Y Product details

Description
This device is a dual-line transient voltage suppressor (TVS) specifically designed to protect the CAN H and CAN L pins of an automotive CAN transceiver against electrostatic discharge (ESD) and ISO 7637-3. The ESDCAN03-2BM3Y complies with all the physical layer constraints (jump start, reverse polarity, …) without compromising the low clamping voltage for an efficient CAN bus protection. The low line capacitance of each ESD diode makes this CAN protection compatible not only with CAN-FD but also with high speed and high data rate buses like FlexRay, USB and more. Product status link ESDCAN03-2BM3Y Product summary

Features
■ AEC-Q101 qualified
■ Dual-line ESD and EOS protection
■ Triggering voltage, VTRIG min = 28 V
■ QFN-3L 1.1 x 1.0 x 0.55 package also called DFN1110
■ Bidirectional device
■ Max pulse power up to 3.3 A (8/20 μs)
■ Low clamping factor VCL / VBR
■ Low leakage current
■ ECOPACK2 ROHS compliant component Complies with the following standards
■ UL94, V0
■ J-STD-020 MSL level 1
■ IPC7531 footprint and JEDEC registered package
■ ISO 16750-2 (Jump start and reversed battery tests)
■ ISO 10605 / IEC 61000-4-2- C = 150 pF, R = 330 Ω, exceeds level 4: – ±15 kV (contact discharge)
■ ISO 10605 - C = 330 pF, R = 2 kΩ: – ±30 kV (contact discharge)
■ ISO 10605 - C = 330 pF, R = 330 Ω: – ±12 kV (contact discharge)
■ ISO 7637-3: – Pulse 3a: -150 V – Pulse 3b: +150 V – Pulse 2a: +/- 85 V




Similar Part No. - ESDCAN03-2BM3Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDCAN03-2BWY STMICROELECTRONICS-ESDCAN03-2BWY Datasheet
505Kb / 10P
transient voltage suppressor for CAN bus
30-Sep-2015
ESDCAN03-2BWY STMICROELECTRONICS-ESDCAN03-2BWY Datasheet
378Kb / 8P
Dual-line ESD and EOS protection
December 2016 Rev 4
logo
TECH PUBLIC Electronics...
ESDCAN03-2BWY TECHPUBLIC-ESDCAN03-2BWY Datasheet
1Mb / 4P
Can bus ESD Protection Diode
More results


Similar Description - ESDCAN03-2BM3Y

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L Datasheet
57Kb / 8P
Dual Line CAN Bus Protector
September, 2004 ??Rev. 1
SZNUP2105LT1G ONSEMI-SZNUP2105LT1G Datasheet
148Kb / 8P
Dual Line CAN Bus Protector
January, 2012 ??Rev. 5
logo
STMicroelectronics
ESDCAN24-2BLY STMICROELECTRONICS-ESDCAN24-2BLY Datasheet
219Kb / 9P
Automotive dual-line Transil, transient voltage suppressor (TVS) for CAN bus
07-Nov-2012
logo
Shanghai Leiditech Elec...
SDA24CDT3 LEIDITECH-SDA24CDT3 Datasheet
127Kb / 3P
DUAL LINE CAN BUS PROTECTOR
logo
Diodes Incorporated
DUP2105SOQ DIODES-DUP2105SOQ Datasheet
473Kb / 5P
DUAL LINE CAN BUS PROTECTOR
Rev 1
DUP3105SOQ DIODES-DUP3105SOQ Datasheet
486Kb / 5P
DUAL LINE CAN BUS PROTECTOR
Rev 1
logo
SHIKUES Electronics
NUP2105 SKTECHNOLGY-NUP2105 Datasheet
775Kb / 4P
Dual Line CAN Bus Protector
logo
Rectron Semiconductor
RSM24M RECTRON-RSM24M Datasheet
258Kb / 4P
Dual Line CAN Bus Protector
logo
STMicroelectronics
ESDCANXX-2BLY STMICROELECTRONICS-ESDCANXX-2BLY Datasheet
1,000Kb / 13P
Automotive dual-line TVS in SOT23-3L for CAN bus
21-Jul-2022
logo
Guangdong Youtai Semico...
NUP2105L UMW-NUP2105L Datasheet
397Kb / 4P
Dual Line CAN Bus Protector
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com