Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDCANXX-2BLY Datasheet (PDF) - STMicroelectronics

ESDCANXX-2BLY Datasheet PDF - STMicroelectronics
Part # ESDCANXX-2BLY
Download  ESDCANXX-2BLY Download
File Size   1000.41 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive dual-line TVS in SOT23-3L for CAN bus

ESDCANXX-2BLY Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDCANXX-2BLY Datasheet PDF - STMicroelectronics

Part # ESDCANXX-2BLY
Download  ESDCANXX-2BLY Click to download

File Size   1000.41 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive dual-line TVS in SOT23-3L for CAN bus

ESDCANXX-2BLY Datasheet (HTML) - STMicroelectronics


ESDCANXX-2BLY Product details

Description
These dual-line CAN transceiver protection devices (TVS) protect both CAN H and
CAN L signals of automotive CAN PHY against ISO 7637-3 transients and ESD
(electrostatic discharge).
ESDCAN series complies with all the physical layer constraints (jump start, reverse
polarity, …) without compromising the low clamping voltage for an efficient CAN
bus protection (controller area network) or LIN bus protection (local interconnect
network).
The low line capacitance versions make them compliant with CAN-FD and high
speed buses like FlexRay, USB, and even the future CAN XL.

Features
• AEC-Q101 qualified
• Dual-line ESD and EOS protection
• Breakdown voltage: VBR
– ESDCAN01-2BLY: 25 V
– ESDCAN24-2BLY: 27 V
– ESDCAN04-2BLY: 27.5 V
– ESDCAN06-2BLY: 38 V
• Bidirectional device
• Max pulse power up to 230 W (8/20 μs)
• Low clamping factor VCL / VBR
• ECOPACK2 ROHS compliant component
Complies with the following standards
• UL94, V0
• J-STD-020 MSL level 1
• IPC7531 footprint and JEDEC registered package
• ISO 16750-2 (Jump start and reversed battery tests for 12 V system))
• IEC 61000-4-4 (EFT)
– 4 kV
• ISO 10605 C = 150 pF, R = 330 Ω, exceeds level 4:
– ±30 kV (Contact and air discharge)
• ISO 10605 C = 330 pF, R = 330 Ω exceeds level 4:
– ±30 kV (Contact and air discharge)
• ISO 10605 C = 330 pF, R = 2 kΩ exceeds level 4:
– ±30 kV (Contact and air discharge)
• ISO 7637-3:
– Pulse 3a: -150 V
– Pulse 3b: +150 V
– Pulse 2a: +/- 85 V




Similar Part No. - ESDCANXX-2BLY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDCAN01-2BLY STMICROELECTRONICS-ESDCAN01-2BLY Datasheet
525Kb / 10P
transient voltage suppressor for CAN bus
July 2015 Rev 1
ESDCAN02-2BWY STMICROELECTRONICS-ESDCAN02-2BWY Datasheet
505Kb / 10P
transient voltage suppressor for CAN bus
30-Sep-2015
ESDCAN02-2BWY STMICROELECTRONICS-ESDCAN02-2BWY Datasheet
378Kb / 8P
Dual-line ESD and EOS protection
December 2016 Rev 4
logo
TECH PUBLIC Electronics...
ESDCAN02-2BWY TECHPUBLIC-ESDCAN02-2BWY Datasheet
1Mb / 4P
Can bus ESD Protection Diode
logo
STMicroelectronics
ESDCAN03-2BM3Y STMICROELECTRONICS-ESDCAN03-2BM3Y Datasheet
1Mb / 14P
Automotive dual-line TVS in DFN for CAN bus
05-Nov-2020
More results


Similar Description - ESDCANXX-2BLY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1CAN PHILIPS-PESD1CAN Datasheet
84Kb / 12P
CAN bus ESD protection diode in SOT23
Rev. 01-25 January 2005
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L Datasheet
57Kb / 8P
Dual Line CAN Bus Protector
September, 2004 ??Rev. 1
SZNUP2105LT1G ONSEMI-SZNUP2105LT1G Datasheet
148Kb / 8P
Dual Line CAN Bus Protector
January, 2012 ??Rev. 5
logo
STMicroelectronics
ESDCAN24-2BLY STMICROELECTRONICS-ESDCAN24-2BLY Datasheet
219Kb / 9P
Automotive dual-line Transil, transient voltage suppressor (TVS) for CAN bus
07-Nov-2012
logo
Shanghai Leiditech Elec...
SDA24CDT3 LEIDITECH-SDA24CDT3 Datasheet
127Kb / 3P
DUAL LINE CAN BUS PROTECTOR
logo
Diodes Incorporated
DUP2105SOQ DIODES-DUP2105SOQ Datasheet
473Kb / 5P
DUAL LINE CAN BUS PROTECTOR
Rev 1
DUP3105SOQ DIODES-DUP3105SOQ Datasheet
486Kb / 5P
DUAL LINE CAN BUS PROTECTOR
Rev 1
logo
STMicroelectronics
ESDCAN03-2BM3Y STMICROELECTRONICS-ESDCAN03-2BM3Y Datasheet
1Mb / 14P
Automotive dual-line TVS in DFN for CAN bus
05-Nov-2020
logo
SHIKUES Electronics
NUP2105 SKTECHNOLGY-NUP2105 Datasheet
775Kb / 4P
Dual Line CAN Bus Protector
logo
Rectron Semiconductor
RSM24M RECTRON-RSM24M Datasheet
258Kb / 4P
Dual Line CAN Bus Protector
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com