Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32HSM-V2 Datasheet (PDF) - STMicroelectronics

STM32HSM-V2 Datasheet PDF - STMicroelectronics
Part # STM32HSM-V2
Download  STM32HSM-V2 Download
File Size   162.77 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Hardware security module for secure firmware installation

STM32HSM-V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32HSM-V2 Datasheet PDF - STMicroelectronics

Part # STM32HSM-V2
Download  STM32HSM-V2 Click to download

File Size   162.77 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Hardware security module for secure firmware installation

STM32HSM-V2 Datasheet (HTML) - STMicroelectronics


STM32HSM-V2 Product details

Description
The STM32HSM-V2 hardware security module (HSM) is used to secure the programming of STM32 products, and to avoid product counterfeiting at contract manufacturers' premises. The secure firmware install (SFI) feature allows secure downloading of customer firmware to STM32 products that embed a secure bootloader. Original equipment manufacturers (OEM) working on a specific STM32 product receive the relevant ST public key to be stored to one or more STM32HSM-V2 HSMs using the STM32CubeProgrammer and STM32 Trusted Package Creator software tools. Using the same toolchain, after defining the firmware encryption key and encrypting its firmware, the OEM also stores the encryption key to one or more STM32HSM-V2 HSMs, and sets the number of authorized SFI operations for each HSM. Contract manufacturers must then use these STM32HSM-V2 HSMs to load encrypted firmware to the STM32 devices: each STM32HSM-V2 HSM only allows the OEMdefined number of SFI operations before irreversible deactivation. Product status link STM32HSM-V2 Hardware security module for secure firmware installation STM32HSM-V2 Data brief DB4265 - Rev 1 - July 2020 For further information contact your local STMicroelectronics sales office.

Features
■ Genuine firmware identification (firmware identifier)
■ Identification of STM32 products with secure firmware install (SFI) functionality
■ Management of STMicroelectronics (ST) public keys associated with STM32 products
■ License generation using a customer-defined firmware encryption key
■ Secure counter allowing the generation of a predefined number of licenses
■ Direct support of the STM32CubeProgrammer software tool (STM32CubeProg) including the STM32 Trusted Package Creator tool




Similar Part No. - STM32HSM-V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H503RBT6 STMICROELECTRONICS-STM32H503RBT6 Datasheet
437Kb / 9P
STM32 Nucleo-64 boards
20-Feb-2023
STM32H523CCI6 STMICROELECTRONICS-STM32H523CCI6 Datasheet
4Mb / 228P
Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
02-Apr-2024
STM32H523CCI6TR STMICROELECTRONICS-STM32H523CCI6TR Datasheet
4Mb / 228P
Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
02-Apr-2024
STM32H523CCI7 STMICROELECTRONICS-STM32H523CCI7 Datasheet
4Mb / 228P
Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
02-Apr-2024
STM32H523CCI7TR STMICROELECTRONICS-STM32H523CCI7TR Datasheet
4Mb / 228P
Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
02-Apr-2024
More results


Similar Description - STM32HSM-V2

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T Datasheet
257Kb / 15P
Secure Microcontroller Module
logo
Infineon Technologies A...
SLE66CL80P INFINEON-SLE66CL80P Datasheet
172Kb / 10P
Secure Mobile Solutions - Security
2004-04-01
SLE66CL81P INFINEON-SLE66CL81P Datasheet
151Kb / 10P
Secure Mobile Solutions - Security
2004-04-01
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T Datasheet
257Kb / 15P
Secure Microcontroller Module
DS2252T DALLAS-DS2252T_1 Datasheet
95Kb / 14P
Secure Microcontroller Module
logo
Maxim Integrated Produc...
MAXQ1103 MAXIM-MAXQ1103_11 Datasheet
64Kb / 2P
High-Performance Secure RISC Microcontroller Security Features
Rev 4; 3/11
logo
ATMEL Corporation
AT88SC018 ATMEL-AT88SC018_14 Datasheet
255Kb / 33P
High Security Features in Hardware
logo
Analog Devices
ADSP-218X AD-ADSP-218X Datasheet
119Kb / 21P
ADSP-218x Family EZ-ICE Hardware Installation
logo
Infineon Technologies A...
SLB9670VQ1.2 INFINEON-SLB9670VQ1.2 Datasheet
558Kb / 18P
Trusted Platform Module and is based on advanced hardware security technology
Revision 1.0, 2015-11-05
logo
Kingston Technology Far...
IKVP50 KINGSTON-IKVP50 Datasheet
182Kb / 2P
IRONKEY VAULT PRIVACY 50 SERIES Hardware-encrypted for Data Security
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com