Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32HSM-V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32HSM-V2
Description  Hardware security module for secure firmware installation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32HSM-V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32HSM-V2 Datasheet HTML 1Page - STMicroelectronics STM32HSM-V2 Datasheet HTML 2Page - STMicroelectronics STM32HSM-V2 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
•
Genuine firmware identification (firmware identifier)
•
Identification of STM32 products with secure firmware install (SFI) functionality
•
Management of STMicroelectronics (ST) public keys associated with STM32
products
•
License generation using a customer-defined firmware encryption key
•
Secure counter allowing the generation of a predefined number of licenses
•
Direct support of the STM32CubeProgrammer software tool (STM32CubeProg)
including the STM32 Trusted Package Creator tool
Description
The STM32HSM-V2 hardware security module (HSM) is used to secure the
programming of STM32 products, and to avoid product counterfeiting at contract
manufacturers' premises.
The secure firmware install (SFI) feature allows secure downloading of customer
firmware to STM32 products that embed a secure bootloader.
Original equipment manufacturers (OEM) working on a specific STM32 product
receive the relevant ST public key to be stored to one or more STM32HSM-V2 HSMs
using the STM32CubeProgrammer and STM32 Trusted Package Creator software
tools.
Using the same toolchain, after defining the firmware encryption key and encrypting
its firmware, the OEM also stores the encryption key to one or more STM32HSM-V2
HSMs, and sets the number of authorized SFI operations for each HSM. Contract
manufacturers must then use these STM32HSM-V2 HSMs to load encrypted
firmware to the STM32 devices: each STM32HSM-V2 HSM only allows the OEM-
defined number of SFI operations before irreversible deactivation.
Product status link
STM32HSM-V2
Hardware security module for secure firmware installation
STM32HSM-V2
Data brief
DB4265 - Rev 1 - July 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STM32HSM-V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H503RBT6 STMICROELECTRONICS-STM32H503RBT6 Datasheet
437Kb / 9P
STM32 Nucleo-64 boards
20-Feb-2023
STM32H523CCI6 STMICROELECTRONICS-STM32H523CCI6 Datasheet
4Mb / 228P
Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
02-Apr-2024
STM32H523CCI6TR STMICROELECTRONICS-STM32H523CCI6TR Datasheet
4Mb / 228P
Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
02-Apr-2024
STM32H523CCI7 STMICROELECTRONICS-STM32H523CCI7 Datasheet
4Mb / 228P
Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
02-Apr-2024
STM32H523CCI7TR STMICROELECTRONICS-STM32H523CCI7TR Datasheet
4Mb / 228P
Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
02-Apr-2024
More results

Similar Description - STM32HSM-V2

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T Datasheet
257Kb / 15P
Secure Microcontroller Module
logo
Infineon Technologies A...
SLE66CL80P INFINEON-SLE66CL80P Datasheet
172Kb / 10P
Secure Mobile Solutions - Security
2004-04-01
SLE66CL81P INFINEON-SLE66CL81P Datasheet
151Kb / 10P
Secure Mobile Solutions - Security
2004-04-01
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T Datasheet
257Kb / 15P
Secure Microcontroller Module
DS2252T DALLAS-DS2252T_1 Datasheet
95Kb / 14P
Secure Microcontroller Module
logo
Maxim Integrated Produc...
MAXQ1103 MAXIM-MAXQ1103_11 Datasheet
64Kb / 2P
High-Performance Secure RISC Microcontroller Security Features
Rev 4; 3/11
logo
ATMEL Corporation
AT88SC018 ATMEL-AT88SC018_14 Datasheet
255Kb / 33P
High Security Features in Hardware
logo
Analog Devices
ADSP-218X AD-ADSP-218X Datasheet
119Kb / 21P
ADSP-218x Family EZ-ICE Hardware Installation
logo
Infineon Technologies A...
SLB9670VQ1.2 INFINEON-SLB9670VQ1.2 Datasheet
558Kb / 18P
Trusted Platform Module and is based on advanced hardware security technology
Revision 1.0, 2015-11-05
logo
Kingston Technology Far...
IKVP50 KINGSTON-IKVP50 Datasheet
182Kb / 2P
IRONKEY VAULT PRIVACY 50 SERIES Hardware-encrypted for Data Security
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com