Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB5MMG Datasheet (PDF) - STMicroelectronics

STM32WB5MMG Datasheet PDF - STMicroelectronics
Part # STM32WB5MMG
Download  STM32WB5MMG Download
File Size   3581.69 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Bluetooth® Low Energy 5.0 and 802.15.4 module

STM32WB5MMG Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32WB5MMG Datasheet PDF - STMicroelectronics

Part # STM32WB5MMG
Download  STM32WB5MMG Click to download

File Size   3581.69 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Bluetooth® Low Energy 5.0 and 802.15.4 module

STM32WB5MMG Datasheet (HTML) - STMicroelectronics


STM32WB5MMG Product details

Features
■ Integrated chip antenna
■ Bluetooth® Low Energy 5.0, Zigbee® 3.0, OpenThread certified
■ Dynamic and static concurrent modes
■ IEEE 802.15.4-2011 MAC PHY
■ Supports 2 Mbits/s
■ TX output power up to +6 dBm
■ RX sensitivity: -96 dBm (Bluetooth® Low Energy at 1 Mbps), -100 dBm (802.15.4)
■ Range: up to 75 meters
■ Dedicated Arm® Cortex®-M0+ for radio and security tasks
■ Dedicated Arm® Cortex®-M4 CPU with FPU and ART (adaptative real-time accelerator) up to 64 MHz speed
■ 1-Mbyte Flash memory, 256-Kbyte SRAM
■ Fully integrated BOM, including 32 MHz radio and 32 KHz RTC crystals
■ Integrated SMPS
■ Ultra-low-power modes for battery longevity
■ 68 GPIOs
■ Integrated IPD for best-in-class and reliable antenna matching
■ 1.8 V to 3.6 V VDD range
■ -40 °C to 85 °C temperature range
■ Built-in security features such as: secure firmware installation (SFI) for radio stack, customer key storage/key management services, PKA, AES 256-bit, TRNG, PCROP, CRC, 96-bit UID, possibility to derive 802.15.4 and Bluetooth® Low Energy 48-bit UEI
■ Certifications: CE, FCC, IC, JRF, SRRC, RoHS, REACH, GOST, KC, NCC
■ Two layers PCB compatible (using external raw pins only)

Applications
■ Lighting and home automation
■ Wireless audio devices
■ Wellness, healthcare, personal trackers
■ Gaming and toys
■ Smart locks
■ Beacons and accessories
■ Industrial Product status link STM32WB5MMG Product summary




Similar Part No. - STM32WB5MMG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WB5MMG STMICROELECTRONICS-STM32WB5MMG Datasheet
1Mb / 10P
Industrial sensor evaluation kit for condition monitoring based on the 2.4 GHz STM32WB5MMG module
STM32WB5MMGH STMICROELECTRONICS-STM32WB5MMGH Datasheet
1Mb / 10P
Industrial sensor evaluation kit for condition monitoring based on the 2.4 GHz STM32WB5MMG module
More results


Similar Description - STM32WB5MMG

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66113-11 SKYWORKS-SKY66113-11 Datasheet
160Kb / 2P
2.4 GHz Bluetooth Low Energy/802.15.4 /Zigbee Front-End Module
SKY66114-11 SKYWORKS-SKY66114-11 Datasheet
161Kb / 2P
2.4 GHz Bluetooth Low Energy /802.15.4/Zigbee Front-End Module
logo
Panasonic Semiconductor
PAN4620 PANASONIC-PAN4620 Datasheet
1Mb / 61P
IEEE 802.15.4 and Bluetooth Low Energy Module
logo
NXP Semiconductors
K32W061 NXP-K32W061 Datasheet
1Mb / 112P
IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
QN9090 NXP-QN9090 Datasheet
1Mb / 99P
Bluetooth Low Energy 5.0 wireless MCU
K32W041A NXP-K32W041A Datasheet
1Mb / 116P
IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
Rev. 1.2 ??April 2022
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
List of Unclassifed Man...
NORA-B1 ETC-NORA-B1 Datasheet
1Mb / 46P
Stand-alone dual-core Bluetooth® 5.2 Low Energy and IEEE 802.15.4 module
logo
Taiyo Yuden (U.S.A.), I...
EKSKBNZWB TAIYO-YUDEN-EKSKBNZWB Datasheet
371Kb / 2P
Bluetooth® 5.0 low energy Module
logo
Microchip Technology
RNBD451 MICROCHIP-RNBD451 Datasheet
1Mb / 67P
RNBD451 Bluetooth® Low Energy Module Data Sheet
Revision A
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com