Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB5MMG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32WB5MMG
Description  Bluetooth® Low Energy 5.0 and 802.15.4 module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB5MMG Datasheet(HTML) 1 Page - STMicroelectronics

  STM32WB5MMG Datasheet HTML 1Page - STMicroelectronics STM32WB5MMG Datasheet HTML 2Page - STMicroelectronics STM32WB5MMG Datasheet HTML 3Page - STMicroelectronics STM32WB5MMG Datasheet HTML 4Page - STMicroelectronics STM32WB5MMG Datasheet HTML 5Page - STMicroelectronics STM32WB5MMG Datasheet HTML 6Page - STMicroelectronics STM32WB5MMG Datasheet HTML 7Page - STMicroelectronics STM32WB5MMG Datasheet HTML 8Page - STMicroelectronics STM32WB5MMG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
These pictures are not contractual
Features
•
Integrated chip antenna
•
Bluetooth® Low Energy 5.0, Zigbee® 3.0, OpenThread certified
•
Dynamic and static concurrent modes
•
IEEE 802.15.4-2011 MAC PHY
•
Supports 2 Mbits/s
•
TX output power up to +6 dBm
•
RX sensitivity: -96 dBm (Bluetooth® Low Energy at 1 Mbps), -100 dBm
(802.15.4)
•
Range: up to 75 meters
•
Dedicated Arm® Cortex®-M0+ for radio and security tasks
•
Dedicated Arm® Cortex®-M4 CPU with FPU and ART (adaptative real-time
accelerator) up to 64 MHz speed
•
1-Mbyte Flash memory, 256-Kbyte SRAM
•
Fully integrated BOM, including 32 MHz radio and 32 KHz RTC crystals
•
Integrated SMPS
•
Ultra-low-power modes for battery longevity
•
68 GPIOs
•
Integrated IPD for best-in-class and reliable antenna matching
•
1.8 V to 3.6 V VDD range
•
-40 °C to 85 °C temperature range
•
Built-in security features such as: secure firmware installation (SFI) for radio
stack, customer key storage/key management services, PKA, AES 256-bit,
TRNG, PCROP, CRC, 96-bit UID, possibility to derive 802.15.4 and Bluetooth®
Low Energy 48-bit UEI
•
Certifications: CE, FCC, IC, JRF, SRRC, RoHS, REACH, GOST, KC, NCC
•
Two layers PCB compatible (using external raw pins only)
Application
•
Lighting and home automation
•
Wireless audio devices
•
Wellness, healthcare, personal trackers
•
Gaming and toys
•
Smart locks
•
Beacons and accessories
•
Industrial
Product status link
STM32WB5MMG
Product summary
Order code
STM32WB5MMG
Temperature
range
-40 °C to 85 °C
Package
LGA 86L 10x10
Package
dimensions ( mm)
7.3 x 11 x 1.342 x
0.435 pitch
Packaging
Tape and reel
Bluetooth® Low Energy 5.0 and 802.15.4 module
STM32WB5MMG
Datasheet
DS13252 - Rev 1 - November 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STM32WB5MMG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WB5MMG STMICROELECTRONICS-STM32WB5MMG Datasheet
1Mb / 10P
Industrial sensor evaluation kit for condition monitoring based on the 2.4 GHz STM32WB5MMG module
STM32WB5MMGH STMICROELECTRONICS-STM32WB5MMGH Datasheet
1Mb / 10P
Industrial sensor evaluation kit for condition monitoring based on the 2.4 GHz STM32WB5MMG module
More results

Similar Description - STM32WB5MMG

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66113-11 SKYWORKS-SKY66113-11 Datasheet
160Kb / 2P
2.4 GHz Bluetooth Low Energy/802.15.4 /Zigbee Front-End Module
SKY66114-11 SKYWORKS-SKY66114-11 Datasheet
161Kb / 2P
2.4 GHz Bluetooth Low Energy /802.15.4/Zigbee Front-End Module
logo
Panasonic Semiconductor
PAN4620 PANASONIC-PAN4620 Datasheet
1Mb / 61P
IEEE 802.15.4 and Bluetooth Low Energy Module
logo
NXP Semiconductors
K32W061 NXP-K32W061 Datasheet
1Mb / 112P
IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
QN9090 NXP-QN9090 Datasheet
1Mb / 99P
Bluetooth Low Energy 5.0 wireless MCU
K32W041A NXP-K32W041A Datasheet
1Mb / 116P
IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
Rev. 1.2 ??April 2022
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
List of Unclassifed Man...
NORA-B1 ETC-NORA-B1 Datasheet
1Mb / 46P
Stand-alone dual-core Bluetooth® 5.2 Low Energy and IEEE 802.15.4 module
logo
Taiyo Yuden (U.S.A.), I...
EKSKBNZWB TAIYO-YUDEN-EKSKBNZWB Datasheet
371Kb / 2P
Bluetooth® 5.0 low energy Module
logo
Microchip Technology
RNBD451 MICROCHIP-RNBD451 Datasheet
1Mb / 67P
RNBD451 Bluetooth® Low Energy Module Data Sheet
Revision A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com