Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB5MMG Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32WB5MMG
Description  Bluetooth® Low Energy 5.0 and 802.15.4 module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB5MMG Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32WB5MMG Datasheet HTML 14Page - STMicroelectronics STM32WB5MMG Datasheet HTML 15Page - STMicroelectronics STM32WB5MMG Datasheet HTML 16Page - STMicroelectronics STM32WB5MMG Datasheet HTML 17Page - STMicroelectronics STM32WB5MMG Datasheet HTML 18Page - STMicroelectronics STM32WB5MMG Datasheet HTML 19Page - STMicroelectronics STM32WB5MMG Datasheet HTML 20Page - STMicroelectronics STM32WB5MMG Datasheet HTML 21Page - STMicroelectronics STM32WB5MMG Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
8
Solder re-flow recommendation
A recommended soldering profile is shown below. The re-flow profile is based on using specific solder paste
SAC305.
Table 5. Solder re-flow specification
A. Ramp up rate
(25-150 ºC)
B. Pre-heat time
(155-165 ºC)
C. Ramp up (200
ºC - peak)
D. Re-flow time
(above 220 ºC)
E. Peak
temperature
(230-255 ºC)
G. Cooling rate
(peak-25 ºC)
<1.2 °C/s
60-90 sec
<1 °C/s
60-90 sec
230-255 °C
<6 °C/s
Figure 11. Recommended re-flow profile
A. Ramp up rate
(≈25 to 150 °C): <1.2 °C/s
B. Preheat time
(155 to 165 °C): 60 - 90 sec
E. Peak temp:230 – 255 °C
G. Cooling rate
(peak to ≈25 °C): <6 °C/s
STM32WB5MMG
Solder re-flow recommendation
DS13252 - Rev 1
page 18/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com