Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB5MMG Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32WB5MMG
Description  Bluetooth® Low Energy 5.0 and 802.15.4 module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB5MMG Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32WB5MMG Datasheet HTML 18Page - STMicroelectronics STM32WB5MMG Datasheet HTML 19Page - STMicroelectronics STM32WB5MMG Datasheet HTML 20Page - STMicroelectronics STM32WB5MMG Datasheet HTML 21Page - STMicroelectronics STM32WB5MMG Datasheet HTML 22Page - STMicroelectronics STM32WB5MMG Datasheet HTML 23Page - STMicroelectronics STM32WB5MMG Datasheet HTML 24Page - STMicroelectronics STM32WB5MMG Datasheet HTML 25Page - STMicroelectronics STM32WB5MMG Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
10
Ordering information
Example:
STM32
WB
5
M
M
G
H
6
TR
Device family
STM32 = Arm-based 32-bit
microcontroller
Product type
WB = Wireless Bluetooth®
Device subfamily
5 = STM32WB55, Die 5, full set of features
Pin count
M = 86 pins
Component type
M= module
Flash memory size
G = 1 Mbyte
Package
H = LGA 86 7.3 x 11 mm
Temperature range
6 = Industrial temperature range, –40 to 85 °C
Packing
TR = tape and reel
For a list of available options (such as speed and package) or for further information on any aspect of this device,
contact your nearest ST sales office.
STM32WB5MMG
Ordering information
DS13252 - Rev 1
page 22/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com