Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB5MMG Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32WB5MMG
Description  Bluetooth® Low Energy 5.0 and 802.15.4 module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB5MMG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32WB5MMG Datasheet HTML 6Page - STMicroelectronics STM32WB5MMG Datasheet HTML 7Page - STMicroelectronics STM32WB5MMG Datasheet HTML 8Page - STMicroelectronics STM32WB5MMG Datasheet HTML 9Page - STMicroelectronics STM32WB5MMG Datasheet HTML 10Page - STMicroelectronics STM32WB5MMG Datasheet HTML 11Page - STMicroelectronics STM32WB5MMG Datasheet HTML 12Page - STMicroelectronics STM32WB5MMG Datasheet HTML 13Page - STMicroelectronics STM32WB5MMG Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
5.2
Layout recommendations
5.2.1
STM32WB5MMG placement
The embedded antenna manufacturer of the STM32WB5MMG recommends to place the module on the
application board as shown below.
Figure 4. STM32WB5MMG board placement
This position allows the antenna to work to its maximum performance. If it cannot be placed as recommended
above, the application board performance is be reduced. This does not, however, prevent correct operation.
5.2.2
Enclosure effects
Product casing properties must be also considered when designing an RF-enabled product as the following list
illustrated;
•
Conductive enclosure in close proximity (in far-field) of the antenna reflects the radiating signal and thus
decreases the transmitting / receiving power. If there has to be a metal part in the enclosure, consider a
frame rather than a box.
•
Conductive enclosure in the near field affects the impedance of the antenna, also the resonant frequency. A
metal case must not be in the near field. The threshold between near and far-field is provided in Figure 5.
•
Plastic enclosures can be close to the antenna, but must not touch it. Contact between the casing and the
antenna may influence the tuning of the resonant frequency and impedance matching.
•
The proximity of the human body attenuates the TX and RX signals due to a certain amount of water
content. Any contact may untune frequency and impedance matching.
STM32WB5MMG
Layout recommendations
DS13252 - Rev 1
page 10/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com