Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB5MMG Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32WB5MMG
Description  Bluetooth® Low Energy 5.0 and 802.15.4 module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB5MMG Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32WB5MMG Datasheet HTML 21Page - STMicroelectronics STM32WB5MMG Datasheet HTML 22Page - STMicroelectronics STM32WB5MMG Datasheet HTML 23Page - STMicroelectronics STM32WB5MMG Datasheet HTML 24Page - STMicroelectronics STM32WB5MMG Datasheet HTML 25Page - STMicroelectronics STM32WB5MMG Datasheet HTML 26Page - STMicroelectronics STM32WB5MMG Datasheet HTML 27Page - STMicroelectronics STM32WB5MMG Datasheet HTML 28Page - STMicroelectronics STM32WB5MMG Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
12.3
ISED certification
The STM32WB5MMG module has been tested and found compliant with the ISED RSS-247 and RSS-Gen rules.
The IC ID is 8976A-STM32WB5M01.
This module contains license-exempt transmitter(s) that comply with Innovation, Science and Economic
Development Canada’s license-exempt RSS(s). Operation is subject to the following two conditions:
•
This module may not cause interference
•
This module must accept any interference, including interference that may cause undesired operation of the
module.
RF radiation exposure statement caution
This Transmitter must be installed to provide a separation distance of at least 20 cm from all persons.
12.4
JRF certification
The STM32WB5MMG is certified in Japan with certification number: 005-102490
The JRF logo is the following:
Figure 16. JRF certification logo
12.5
NCC certification
The STM32WB5MMG is certified in Taiwan with NCC certification number: CCAN20LP0740T3.
The NCC log is the following:
Figure 17. NCC certification logo
Low-power radio wave radiation equipment management measures:
•
Article 12: For low-power radio frequency equipment that has passed the type certification, the company,
trade name, or user shall not change the frequency, increase the power, or change the characteristics and
functions of the original design without permission.
•
Article 14: The use of low-power radio frequency equipment must not affect flight safety and interfere
with legal communications; if interference is found, it should be stopped immediately, and it can only be
used when there is no interference. Legal communications in the preceding paragraph refers to radio
communications operated in accordance with the Telecommunications Law. Low-power radio frequency
equipment must endure interference from legal communications or industrial, scientific, and medical radio
wave radiation electrical equipment.
12.6
SRRC certification
The Chinese SRRC certification is ongoing.
Note:
CMIIT ID is temporarily replaced with 32WBCERTIF. This code is updated with the code assigned by the China
Ministry of Industry and Information Technology after SRRC certification is completed.
STM32WB5MMG
ISED certification
DS13252 - Rev 1
page 25/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com