Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB5MMG Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM32WB5MMG
Description  Bluetooth® Low Energy 5.0 and 802.15.4 module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB5MMG Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM32WB5MMG Datasheet HTML 20Page - STMicroelectronics STM32WB5MMG Datasheet HTML 21Page - STMicroelectronics STM32WB5MMG Datasheet HTML 22Page - STMicroelectronics STM32WB5MMG Datasheet HTML 23Page - STMicroelectronics STM32WB5MMG Datasheet HTML 24Page - STMicroelectronics STM32WB5MMG Datasheet HTML 25Page - STMicroelectronics STM32WB5MMG Datasheet HTML 26Page - STMicroelectronics STM32WB5MMG Datasheet HTML 27Page - STMicroelectronics STM32WB5MMG Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
12
Certification
The STM32WB5MMG module passed the following certifications:
•
ZigBee (802.15.4-4PHY)
•
BLE (RF_PHY)
•
CE
•
FCC-TCB (USA)
•
ISED-FCB (Canada)
•
JRF (Japan)
•
KC or MSIP (Korea)
•
NCC (Taiwan)
•
ROHS
•
REACH
•
GOST (Russia).
SRRC (China) certification is ongoing.
The following sections detail some of the module certifications from sample regions.
12.1
CE certification
The STM32WB5MMG module has obtained CE certification.
The module is provided with CE marking.
Figure 15. CE certification logo
12.2
FCC certification
The STM32WB5MMG module complies with part 15 of the FCC Rules.
The module is labeled with its own FCC ID: YCP-STM32WB5M001
The operation is subject to the following two conditions:
•
This device may not cause harmful interference
•
This device must accept any interference received, including interference that may cause undesired
operation.
Note:
This equipment has been tested and found to comply with the limits for a Class B digital device, pursuant to part
15 of the FCC Rules. These limits are designed to provide reasonable protection against harmful interference in
a residential installation.
Label requirements
If the identification number is not visible when the module is installed inside another device, then the outside of
the device into which the module is installed must also display a label referring to the enclosed module. This label
must contain FCC ID: YCP-STM32WB5M001
RF radiation exposure statement caution
The module antenna must be installed to meet the RF exposure compliance separation distance of “20 cm” and
any additional testing and authorization processes as required.
STM32WB5MMG
Certification
DS13252 - Rev 1
page 24/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com