Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH287R-YA Datasheet (PDF) - Anachip Corp

AH287R-YA Datasheet PDF - Anachip Corp
Part # AH287R-YA
Download  AH287R-YA Download
File Size   166.2 Kbytes
Page   7 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description High Voltage Hall-Effect Smart Fan Motor Controller

AH287R-YA Datasheet (PDF)

Go To PDF Page Download Datasheet
AH287R-YA Datasheet PDF - Anachip Corp

Part # AH287R-YA
Download  AH287R-YA Click to download

File Size   166.2 Kbytes
Page   7 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description High Voltage Hall-Effect Smart Fan Motor Controller

AH287R-YA Datasheet (HTML) - Anachip Corp


AH287R-YA Product details

General Description
AH287 is a monolithic fan motor controller with Hall sensor’s capability. It contains two complementary open-drain drivers for motor’s coil driving, automatic lock shutdown and restart function relatively.
To avoid coil burning, rotor-lock shutdown detection
circuit shut down the output driver if the rotor is blocked and then the automatic recovery circuit will try to restart the motor. This function repeats while rotor is blocked. Until the blocking is removed, the motor recovers running normally.

Features
- On chip Hall sensor
- Rotor-locked shutdown
- Automatically restart
- Built-in Zener protection for output driver
- Operating voltage: 3.8V~28V
- Output current: IO(AVE) = 400mA
- Package: SIP-4L, SOT89-5L




Similar Part No. - AH287R-YA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH287 DIODES-AH287 Datasheet
114Kb / 10P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH287 Rev. 4
logo
BCD Semiconductor Manuf...
AH287 BCDSEMI-AH287 Datasheet
333Kb / 12P
TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
AH287 BCDSEMI-AH287 Datasheet
596Kb / 12P
TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
logo
Diodes Incorporated
AH287 DIODES-AH287 Datasheet
212Kb / 11P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 10
AH287-PG-B DIODES-AH287-PG-B Datasheet
212Kb / 11P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 10
More results


Similar Description - AH287R-YA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH289 ANACHIP-AH289 Datasheet
169Kb / 7P
High Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.1 Jan 17, 2005
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.7 Apr 16, 2004
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.4 Apr 16, 2004
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.7 Apr 16, 2004
logo
Diodes Incorporated
AH284 DIODES-AH284 Datasheet
236Kb / 9P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH285 DIODES-AH285 Datasheet
215Kb / 8P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
AH286 DIODES-AH286 Datasheet
186Kb / 10P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH287 DIODES-AH287 Datasheet
114Kb / 10P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH287 Rev. 4
AH288 DIODES-AH288 Datasheet
120Kb / 10P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
AH289 DIODES-AH289 Datasheet
188Kb / 9P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com