Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS160PR412 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
DS160PR412 Datasheet PDF - Texas Instruments
Part # DS160PR412
Download  DS160PR412 Download
File Size   3332.97 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DS160PR412 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux

DS160PR412 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS160PR412 Datasheet PDF - Texas Instruments

Part # DS160PR412
Download  DS160PR412 Click to download

File Size   3332.97 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DS160PR412 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux

DS160PR412 Datasheet (HTML) - Texas Instruments




Similar Part No. - DS160PR412

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS160PR410 TI1-DS160PR410 Datasheet
826Kb / 29P
DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
DS160PR410 TI1-DS160PR410 Datasheet
828Kb / 30P
DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
DS160PR410 TI2-DS160PR410 Datasheet
1Mb / 34P
DS160PR410 Quad Channel PCI Express 4.0 Linear Redriver
REVISED DECEMBER 2019
DS160PR410 TI2-DS160PR410 Datasheet
3Mb / 37P
DS160PR410-Q1 PCIe® 4.0 Automotive 4-Channel Linear Redriver
SEPTEMBER 2025
DS160PR410-Q1 TI2-DS160PR410-Q1 Datasheet
3Mb / 37P
DS160PR410-Q1 PCIe® 4.0 Automotive 4-Channel Linear Redriver
SEPTEMBER 2025
More results


Similar Description - DS160PR412

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP114 TI1-SN65LVCP114 Datasheet
675Kb / 30P
14.2-Gbps Quad 1:2-2:1 MUX, Linear-Redriver With Signal Conditioning
logo
Pericom Semiconductor C...
PI2EQX5964 PERICOM-PI2EQX5964 Datasheet
151Kb / 1P
5.0Gbps 4-Lane PCIe짰 2.0 ReDriver
logo
Texas Instruments
DS160PR810 TI-DS160PR810 Datasheet
1Mb / 34P
DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
DS160PR822 TI-DS160PR822 Datasheet
1Mb / 31P
DS160PR822 PCIe 4.0 16-Gbps 8-Channel Linear Redriver with Four 2x2 Crosspoint
TMUXHS4412 TI-TMUXHS4412 Datasheet
3Mb / 30P
TMUXHS4412 4-Channel 20 Gbps Differential 2:1/1:2 Mux/Demux
DS160PR421 TI-DS160PR421 Datasheet
3Mb / 37P
DS160PR421 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 2:1 Mux
SN75LVPE5412 TI-SN75LVPE5412 Datasheet
2Mb / 34P
SN75LVPE5412 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 1:2 Demux
DECEMBER 2021
SN75LVPE5421 TI-SN75LVPE5421 Datasheet
2Mb / 34P
SN75LVPE5421 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 2:1 Mux
DECEMBER 2021
TUSB1142 TI-TUSB1142 Datasheet
1Mb / 55P
TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
APRIL 2022
DS160PR1601 TI1-DS160PR1601 Datasheet
2Mb / 39P
DS160PR1601 16 Gbps 16 Lane Linear Redriver
FEBRUARY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com