Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC94551 Datasheet (PDF) - Freescale Semiconductor, Inc

MPC94551 Datasheet PDF - Freescale Semiconductor, Inc
Part # MPC94551
Download  MPC94551 Download
File Size   69.18 Kbytes
Page   4 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Low Voltage 1:4 CMOS Clock Buffer

MPC94551 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC94551 Datasheet PDF - Freescale Semiconductor, Inc

Part # MPC94551
Download  MPC94551 Click to download

File Size   69.18 Kbytes
Page   4 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Low Voltage 1:4 CMOS Clock Buffer

MPC94551 Datasheet (HTML) - Freescale Semiconductor, Inc


MPC94551 Product details

Low Voltage 1:4 CMOS Clock Buffer



The MPC94551 is a CMOS 1:4 fanout buffer. The MPC94551 is ideal for applications requiring lower voltage.



Features

• 1:4 CMOS fanout buffer

• 300 ps output to output skew

• I/O frequency up to 160 MHz operation

• Non-inverting output clock

• 3.3 V supply voltage

• Output Enable mode tri-states outputs

• -40°C to 85°C industrial temperature range

• Standard 8-lead SOIC package



 




Similar Part No. - MPC94551

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC94551 RENESAS-MPC94551 Datasheet
331Kb / 7P
Low Voltage 1:4 CMOS Clock Buffer
2019
MPC94551EF RENESAS-MPC94551EF Datasheet
331Kb / 7P
Low Voltage 1:4 CMOS Clock Buffer
2019
MPC94551EFR2 RENESAS-MPC94551EFR2 Datasheet
331Kb / 7P
Low Voltage 1:4 CMOS Clock Buffer
2019
More results


Similar Description - MPC94551

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
IDT5V551 IDT-IDT5V551 Datasheet
48Kb / 4P
1:4 CLOCK BUFFER
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Silicon Laboratories
SI53365 SILABS-SI53365 Datasheet
1Mb / 14P
1:8 LOW JITTER CMOS CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C490098 PERICOM-PI6C490098 Datasheet
989Kb / 5P
1:3 CMOS Clock Buffer
logo
Renesas Technology Corp
5V551 RENESAS-5V551 Datasheet
201Kb / 5P
1:4 CLOCK BUFFER
Mar 2020
MPC94551 RENESAS-MPC94551 Datasheet
331Kb / 7P
Low Voltage 1:4 CMOS Clock Buffer
2019
IDT5T30553 RENESAS-IDT5T30553 Datasheet
256Kb / 9P
LOW SKEW 1 TO 4 CLOCK BUFFER
121013
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com