Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC94551 Datasheet (PDF) - Renesas Technology Corp

MPC94551 Datasheet PDF - Renesas Technology Corp
Part # MPC94551
Download  MPC94551 Download
File Size   331.47 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage 1:4 CMOS Clock Buffer

MPC94551 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC94551 Datasheet PDF - Renesas Technology Corp

Part # MPC94551
Download  MPC94551 Click to download

File Size   331.47 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage 1:4 CMOS Clock Buffer

MPC94551 Datasheet (HTML) - Renesas Technology Corp


MPC94551 Product details

The MPC94551 is a CMOS 1:4 fanout buffer. The MPC94551 is ideal for
applications requiring lower voltage.
Features
• 1:4 CMOS fanout buffer
• 300 ps output to output skew
• I/O frequency up to 160 MHz operation
• Non-inverting output clock
• 3.3 V supply voltage
• Output Enable mode tri-states outputs
• -40°C to 85°C industrial temperature range
• 8-lead SOIC package, Pb-free
• For drop in replacement use 551MI




Similar Part No. - MPC94551

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC94551 FREESCALE-MPC94551 Datasheet
69Kb / 4P
Low Voltage 1:4 CMOS Clock Buffer
MPC94551D FREESCALE-MPC94551D Datasheet
69Kb / 4P
Low Voltage 1:4 CMOS Clock Buffer
MPC94551DR2 FREESCALE-MPC94551DR2 Datasheet
69Kb / 4P
Low Voltage 1:4 CMOS Clock Buffer
MPC94551EF FREESCALE-MPC94551EF Datasheet
69Kb / 4P
Low Voltage 1:4 CMOS Clock Buffer
MPC94551EFR2 FREESCALE-MPC94551EFR2 Datasheet
69Kb / 4P
Low Voltage 1:4 CMOS Clock Buffer
More results


Similar Description - MPC94551

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC94551 FREESCALE-MPC94551 Datasheet
69Kb / 4P
Low Voltage 1:4 CMOS Clock Buffer
logo
Integrated Circuit Syst...
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
IDT5V551 IDT-IDT5V551 Datasheet
48Kb / 4P
1:4 CLOCK BUFFER
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Silicon Laboratories
SI53365 SILABS-SI53365 Datasheet
1Mb / 14P
1:8 LOW JITTER CMOS CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C490098 PERICOM-PI6C490098 Datasheet
989Kb / 5P
1:3 CMOS Clock Buffer
logo
Renesas Technology Corp
5V551 RENESAS-5V551 Datasheet
201Kb / 5P
1:4 CLOCK BUFFER
Mar 2020
IDT5T30553 RENESAS-IDT5T30553 Datasheet
256Kb / 9P
LOW SKEW 1 TO 4 CLOCK BUFFER
121013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com