Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB571 Datasheet (PDF) - STMicroelectronics

TSB571 Datasheet PDF - STMicroelectronics
Part # TSB571
Download  TSB571 Download
File Size   4083.57 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier

TSB571 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSB571 Datasheet PDF - STMicroelectronics

Part # TSB571
Download  TSB571 Click to download

File Size   4083.57 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier

TSB571 Datasheet (HTML) - STMicroelectronics


TSB571 Product details

Description
The TSB571 (single) and TSB572 (dual) operational amplifiers offer an extended voltage operating range from 4 V to 36 V and rail-to-rail input/output. The TSB571 and TSB572 give a very good speed/power consumption ratio with a 2.5 MHz gain bandwidth product and a consumption of 380 µA typically only at 36 V supply voltage. Stability and robustness of these devices make them an ideal solution for a wide voltage range of applications. Maturity status link TSB571, TSB572 Related products TSB611 For below 100 µA solution TSB711 For a higher precision TSB712 Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier TSB571, TSB572 Datasheet DS11248 - Rev 7 - May 2020 For further information contact your local STMicroelectronics sales office.

Features
■ Low-power consumption: 380 µA typ.
■ Wide supply voltage: 4 V - 36 V
■ Rail-to-rail input and output
■ Gain bandwidth product: 2.5 MHz
■ Low input bias current: 30 nA max.
■ No phase reversal
■ High tolerance to ESD: 4 kV HBM
■ Extended temperature range: -40 °C to 125 °C
■ Automotive grade
■ Small SMD packages
■ 40 V BiCMOS technology
■ Enhanced stability vs. capacitive load

Applications
■ Active filtering
■ Audio systems
■ Automotive
■ Power supplies
■ Industrial
■ Low/high side current sensing




Similar Part No. - TSB571

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSB571 STMICROELECTRONICS-TSB571 Datasheet
1Mb / 35P
Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
01-Dec-2022
More results


Similar Description - TSB571

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4627-1 AD-ADA4627-1 Datasheet
626Kb / 16P
36 V, 19 MHz, Low Noise, Low Bias Current, JFET Operational Amplifier
REV. A
logo
Texas Instruments
OPA170-EP TI1-OPA170-EP Datasheet
1Mb / 20P
36-V, SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TSB572 STMICROELECTRONICS-TSB572 Datasheet
2Mb / 27P
Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
17-Dec-2015
TSB611 STMICROELECTRONICS-TSB611 Datasheet
1Mb / 24P
Low-power, rail-to-rail output, 36 V operational amplifier
17-Aug-2015
logo
Texas Instruments
OPA196 TI1-OPA196 Datasheet
3Mb / 47P
36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
OPA828 TI1-OPA828 Datasheet
370Kb / 22P
Low-Offset, Low-Drift, Low-Noise, 50-MHz, 36-V JFET-Input Operational Amplifier
OPA2210 TI1-OPA2210 Datasheet
562Kb / 23P
2.2-nV/?숰z, Precision, Low-Power, 36-V Operational Amplifier
OPA2210 TI1-OPA2210_V01 Datasheet
1Mb / 32P
OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
OPA2210 TI1-OPA2210_V02 Datasheet
1Mb / 36P
OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
logo
STMicroelectronics
TSB621 STMICROELECTRONICS-TSB621 Datasheet
1Mb / 35P
Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
01-Dec-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com